Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80A45CSG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS80A45CSG
Description  Rad-Hard 2 x 40 A - 45 V Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80A45CSG Datasheet(HTML) 2 Page - STMicroelectronics

  STPS80A45CSG Datasheet HTML 1Page - STMicroelectronics STPS80A45CSG Datasheet HTML 2Page - STMicroelectronics STPS80A45CSG Datasheet HTML 3Page - STMicroelectronics STPS80A45CSG Datasheet HTML 4Page - STMicroelectronics STPS80A45CSG Datasheet HTML 5Page - STMicroelectronics STPS80A45CSG Datasheet HTML 6Page - STMicroelectronics STPS80A45CSG Datasheet HTML 7Page - STMicroelectronics STPS80A45CSG Datasheet HTML 8Page - STMicroelectronics STPS80A45CSG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Characteristics
1.1
Absolute maximum ratings
The absolute maximum ratings are limiting values at 25°C, per diode unless otherwise notified. Values provided in
Table 1. Absolute maximum ratings shall not be exceeded at any time during use or storage.
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IO(1)
Average output rectified current
per diode
per package
40
80
A
IFSM(2)
Forward surge current
200
A
dV/dt(3)
Reverse voltage maximum rise rate
10
kV/µs
Top
Operating temperature range (case temperature)
-65 to +175
°C
Tj(4)
Maximum junction temperature
+175
°C
Tstg
Storage temperature range
-65 to +175
°C
Tsol(5)
Soldering temperature
+245
°C
ESD
Electrostatic discharge - Human Body Model
8
kV
1. Per diode: at Tcase > 63.5°C, derate linearly to 0 A at 175 °C; per device, at Tcase > - 8.6 °C, derate linearly to 0 A at 175 °C.
2. Sinusoidal pulse of 10ms duration.
3. guaranteed by design, characterization and test at 25°C of 10 parts per wafer lot.
4. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
5. Duration 5 seconds maximum with at least 3 minutes between consecutive temperature peaks.
1.2
Thermal parameters
Table 2. Thermal parameters
Symbol
Parameter
Typ. value
Max. value
Unit
Rth(j-c) (1)
Thermal resistance, junction to case
Per diode
-
3.4
°C/W
Per package
-
2.8
1. When only 1 diode is used, the dissipation is made from a part of the die, hence to a higher thermal resistance.
STPS80A45CHR
Characteristics
DS13146 - Rev 2
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com