Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08JQ-BT Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # 08JQ-BT
Description  JQ CONNECTOR 2.5 mm pitch/Board-to-board connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

08JQ-BT Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  08JQ-BT Datasheet HTML 1Page - JST Mfg. Co., Ltd. 08JQ-BT Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
22
JQCONNECTOR
JQ CONNECTOR
JQ CONNECTOR
JQ CONNECTOR
2.5 mm pitch/Board-to-board connectors
No. of
circuits
Model No.
Dimensions (mm)
A
B
Material and Finish
Top entry type Side entry type
Q'ty/box
Top entry
type
Side entry
type
Contact: Phosphor bronze, tin-plated (reflow treatment)
Housing: PA 66, UL94V-0, natural
C
JQコネクタ表1
3
4
5
6
7
8
9
10
11
12
13
15
03JQ-BT
04JQ-BT
05JQ-BT
06JQ-BT
07JQ-BT
08JQ-BT
09JQ-BT
10JQ-BT
11JQ-BT
12JQ-BT
13JQ-BT
15JQ-BT
03JQ-ST
04JQ-ST
05JQ-ST
06JQ-ST
07JQ-ST
08JQ-ST
09JQ-ST
10JQ-ST
11JQ-ST
12JQ-ST
13JQ-ST
15JQ-ST
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
35.0
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
40.0
8.2
10.7
13.2
15.7
18.2
20.7
23.2
25.7
28.2
30.7
33.2
38.2
500
500
500
500
250
250
250
250
250
200
200
100
500
500
500
500
250
200
200
250
250
200
200
100
B
A
2.5
2.5
1.6
C
9.5
4.8
B
A
2.5
2.5
1.6
C
9.5
2.6 2.2
Top entry type
Side entry type
No. of
circuits
Model No.
Dimensions (mm)
A
B
Top entry type
Top entry type Side entry type
Side entry type
Q'ty/box
3
4
5
6
7
8
9
10
11
12
13
14
15
B3B-XH-A
B4B-XH-A
B5B-XH-A
B6B-XH-A
B7B-XH-A
B8B-XH-A
B9B-XH-A
B10B-XH-A
B11B-XH-A
B12B-XH-A
B13B-XH-A
B14B-XH-A
B15B-XH-A
S3B-XH-A-1
S4B-XH-A-1
S5B-XH-A-1
S6B-XH-A-1
S7B-XH-A-1
S8B-XH-A-1
S9B-XH-A-1
S10B-XH-A-1
S11B-XH-A-1
S12B-XH-A-1
S13B-XH-A-1
S14B-XH-A-1
S15B-XH-A-1
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
9.9
12.4
14.9
17.4
19.9
22.4
24.9
27.4
29.9
32.4
34.9
37.4
39.9
1,000
500
500
500
500
500
500
250
250
250
250
250
250
1,000
500
500
500
250
250
250
250
250
200
200
200
200
Material and Finish
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, natural (white)
JST
8
A
B
2.45
5.75
(2.35)
2.5
0.64
JST
8
A
B
2.45
2.5
(6.1) 3.4
0.64
Top entry type
Side entry type
RoHS2 compliance
RoHS2 compliance This product displays (LF)(SN) on a label.
Receptacle
Shrouded header



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com