Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAD Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # XAD
Description  XAD CONNECTOR 2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XAD Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  XAD Datasheet HTML 1Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 2Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 3Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
XADCONNECTOR
XAD CONNECTOR
2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
XAD CONNECTOR
XAD CONNECTOR
4.8
15.1
2.9
1.3
0.8
6.6
6.5
3.1
1.3 1.6
Pin contact
Socket contact
Model No.
Applicable wire
Q'ty/reel
Insulation O.D.(mm)
AWG #
Pin contact
Socket contact
Pin contact
Socket contact
SXAM-001T-P0.6
SXAM-01T-P0.6
-
mm2
0.08~0.33
0.22~0.5
0.13~0.33
SXA-001T-P0.6
SXA-01T-P0.6
SXA-001T-P0.6L
28~22
24~20
26~22
0.8~1.9
1.5~1.9
1.3~1.7
7,000
7,000
-
8,000
8,000
8,000
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
〈8 to 16 circuits〉
〈18 to 40 circuits〉
No. of
circuits
Model No.
Dimensions (mm)
C
D
A
B
Q'ty/bag
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
40
XADR-08V
XADR-10V
XADR-12V
XADR-14V
XADR-16V
XADR-18V
XADR-20V
XADR-22V
XADR-24V
XADR-26V
XADR-28V
XADR-30V
XADR-32V
XADR-34V
XADR-36V
XADR-40V
12.9
15.4
17.9
20.4
22.9
25.4
27.9
30.4
32.9
35.4
37.9
40.4
42.9
45.4
47.9
52.9
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
47.5
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
45.0
47.5
52.5
16.2
18.7
21.2
23.7
26.2
28.7
31.2
33.7
36.2
38.7
41.2
43.7
46.2
48.7
51.2
56.2
1,000
500
500
500
300
300
300
300
300
300
300
300
300
200
200
200
Material and Finish
PA 66, UL94V-0, natural (white)
21.5
8.15±0.05
10.4+0.1
0
Circuit No. 1 mark
Circuit No. 1 mark
21.5
RoHS2 compliance
Note: Contact JST for gold-plated products.
RoHS2 compliance
Note: C and D dimensions: Panel layout dimensions
Applicator
Contact
Crimping
machine Crimp applicator
Dies
Crimp applicator with dies
SXA-001T-P0.6
SXA-01T-P0.6
SXA-001T-P0.6L
AP-K2N
MKS-L
MK/SXAM/XA-001-06
MK/SXAM/XA-01-06
MK/SXA-001-06L
APLMK SXAM/XA001-06
APLMK SXAM/XA01-06
APLMK SXA001-06L
Applicator
Contact
Crimping
machine Crimp applicator
Dies
Crimp applicator with dies
SXAM-001T-P0.6
SXAM-01T-P0.6 AP-K2N
MKS-L
MK/SXAM/XA-001-06
MK/SXAM/XA-01-06
APLMK SXAM/XA001-06
APLMK SXAM/XA01-06
Note: Contact JST for fully automatic crimping applicator.
● Receptacle housing incompatible with retainer
Note: Contact JST for fully automatic crimping applicator.
Contact
Receptacle housing (for pin contact)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com