Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA-R4R-D14-4D Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # UBA-R4R-D14-4D
Description  UB CONNECTOR USB (Universal Serial Bus) Conforming Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

UBA-R4R-D14-4D Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  UBA-R4R-D14-4D Datasheet HTML 1Page - JST Mfg. Co., Ltd. UBA-R4R-D14-4D Datasheet HTML 2Page - JST Mfg. Co., Ltd. UBA-R4R-D14-4D Datasheet HTML 3Page - JST Mfg. Co., Ltd. UBA-R4R-D14-4D Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
UB CONNECTOR
USB (Universal Serial Bus) Conforming Connector
ラジアル
• Conforms to USB (Universal Serial Bus)
2.0 standards
• Secure EMI shielding effect
• SMT configuration
Specifications –––––––––––––––––––
• Current rating: 1.0 A AC, DC/Line
• Voltage rating: 30 V AC, DC
• Temperature range: -55˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 30 mΩ max.
After environmental tests/ 10 mΩ max.
(variation from initial value)
• Insulation resistance: 1,000 MΩ min.
• Withstanding voltage: 750 VAC/minute
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
* Compliant with RoHS.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Note: 1. The dimensions above should serve as a guideline. Contact JST for details.
2. Thin gold-plated (Au Flash) product that is USB 2.0 uncertified product (** 10) is also available.
14.5
15.22
2.5
2
7
13.3
7±0.05
2.5±0.05
4-φ0.92±0.08
10.28
2.71
13.14±0.05
23
4
2±0.05
3-φ2.3±0.08
JST
10.28
2.71
7±0.05
2.5±0.05
13.14±0.05
4-φ0.92±0.08
2-φ2.3±0.08
14.5
10.82
7
2.5
2
15.22
M3
JST
23
4
2±0.05
Material and Finish
UBA-4R-D14T-4D
Contact
Housing
Shell
Solder tab
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Copper alloy, copper-undercoated,
tin-plated (reflow treatment)
Model No.
Material and Finish
UBA-4R-D14C2-4D
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
RoHS compliance This product displays (LF)(SN) on a label.
Type A <Through-hole type>
With solder tab
Type A <Through-hole type>
With upper flange
Receptacle
USB 2.0 certified product
14.5
15.22
2.5
2
7
13.3
7±0.05
2.5±0.05
4-φ0.92±0.08
10.28
2.71
13.14±0.05
23
4
2±0.05
2-φ2.3±0.08
JST
Material and Finish
UBA-4R-D14-4D
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
RoHS compliance This product displays (LF)(SN) on a label.
Type A <Through-hole type>
Normal
TID No.: 6000158
TID No.: 6000162
TID No.: 6000163
RoHS compliance This product displays (LF)(SN) on a label.
Q’ty/box: 250
Q’ty/box: 250
Q’ty/box: 250


Similar Part No. - UBA-R4R-D14-4D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA1702 PHILIPS-UBA1702 Datasheet
178Kb / 24P
Line interrupter driver and ringer
1997 Sep 29
UBA1702A PHILIPS-UBA1702A Datasheet
178Kb / 24P
Line interrupter driver and ringer
1997 Sep 29
UBA1702AT PHILIPS-UBA1702AT Datasheet
178Kb / 24P
Line interrupter driver and ringer
1997 Sep 29
UBA1702T PHILIPS-UBA1702T Datasheet
178Kb / 24P
Line interrupter driver and ringer
1997 Sep 29
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
Cordless telephone line interface
1999 Jun 04
More results

Similar Description - UBA-R4R-D14-4D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1325 PHILIPS-UDA1325 Datasheet
310Kb / 52P
Universal Serial Bus USB CODEC
1999 May 10
logo
Tyco Electronics
1-1775066-1 MACOM-1-1775066-1 Datasheet
760Kb / 1P
Universal Serial Bus (USB) Connectors
787616-1 MACOM-787616-1 Datasheet
909Kb / 22P
Connector System for Universal Serial Bus (USB)
logo
Adam Technologies, Inc.
USB-A3-S-1 ADAM-TECH-USB-A3-S-1 Datasheet
90Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-1 ADAM-TECH-USB-A3-S-RA-1 Datasheet
84Kb / 1P
UNIVERSAL SERIAL BUS
logo
TDK Electronics
UAC355XB TDK-UAC355XB Datasheet
989Kb / 48P
Universal Serial Bus (USB) Codecs
logo
JST Mfg. Co., Ltd.
UBC JST-UBC Datasheet
110Kb / 2P
USB (Universal Serial Bus) Conforming Connector
logo
EXCEL CELL ELECTRONIC C...
ESB0 ECE-ESB0 Datasheet
259Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS
ESB3 ECE-ESB3 Datasheet
289Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MINI USB CONNECTOR
ESB38 ECE-ESB38 Datasheet
203Kb / 3P
UNIVERSAL SERIAL BUS CONNECTOR ULTRA MINIATURE USB SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com