Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0980ESL710 Datasheet(PDF) 2 Page - Lumberg

Part # 0980ESL710
Description  LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0980ESL710 Datasheet(HTML) 2 Page - Lumberg

  0980ESL710 Datasheet HTML 1Page - Lumberg 0980ESL710 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
800-235-3361 or 1-800-BELDEN1
www.lumberg-automationusa.com
10
Environmental
Degree of protection
IP 67
Operating temperature range
-10° C (+14°F) to +60° C (+140°F)
Mechanical
Weight
380 g
Housing material
PBT
Bus system
EtherNet/IP
Vendor ID
21
Device ID
710
EDS-File
EDS-v3.9 - LumbergAutomation-0980ESL710-20110420.eds (or later)
Transmission rate
10/100 Mbs
Address range
0-255
Rotary address switches
0-255
Default address
1
System/Sensors power supply
System power supply
Nominal voltage
24V DC
Voltage range
11–30V DC
Power consumption
typ. 90 mA
Reverse polarity protection
yes
Input power supply
US
Voltage range
19–30V DC
Sensor current
200 mA per port (at Tamb 30° C)
Short-circuit proof
yes
Indication
LED green
Inputs
Type 3 acc. to IEC 61131-3
Rated input voltage
24V DC
Channel type N.O.
p-switching
Number of digital channels
max. 16
Channel status indicator
LED yellow per channel
Diagnostic indication
LED red per socket
Output power supply
UL
Rated voltage
24V DC
Voltage range
19–30V DC
Reverse polarity protection
yes/antiparallel diode
Indication
LED green
Outputs
Rated output current
1.6 A per channel
Short-circuit proof
yes
Max. output current
9 A (12 A*) per module
*Test proven and approved under the following conditions:
· looped through System/Sensor power supply max. 2.5 A
· Power supply cable STL 204 (5x1.00 mm2)
· Operating temperature range max. 40° C
Overload-proof
yes
Number of digital channels
max. 16
Channel type N.O.
p-switching
Channel status indicator
LED yellow per channel
Diagnostic indication
LED red per socket
Included in delivery/accessories
Dust covers M12
4 pieces
Attachable labels
10 pieces
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
The application of these products in harsh environments should always be checked before use.
Specifications subject to alteration.
800-235-3361 or 1-800-BELDEN1
www.lumberg-automationusa.com
10
Environmental
Degree of protection
IP 67
Operating temperature range
-10° C (+14°F) to +60° C (+140°F)
Mechanical
Weight
380 g
Housing material
PBT
Bus system
EtherNet/IP
Vendor ID
21
Device ID
710
EDS-File
EDS-v3.9 - LumbergAutomation-0980ESL710-20110420.eds (or later)
Transmission rate
10/100 Mbs
Address range
0-255
Rotary address switches
0-255
Default address
1
System/Sensors power supply
System power supply
Nominal voltage
24V DC
Voltage range
11–30V DC
Power consumption
typ. 90 mA
Reverse polarity protection
yes
Input power supply
US
Voltage range
19–30V DC
Sensor current
200 mA per port (at Tamb 30° C)
Short-circuit proof
yes
Indication
LED green
Inputs
Type 3 acc. to IEC 61131-3
Rated input voltage
24V DC
Channel type N.O.
p-switching
Number of digital channels
max. 16
Channel status indicator
LED yellow per channel
Diagnostic indication
LED red per socket
Output power supply
UL
Rated voltage
24V DC
Voltage range
19–30V DC
Reverse polarity protection
yes/antiparallel diode
Indication
LED green
Outputs
Rated output current
1.6 A per channel
Short-circuit proof
yes
Max. output current
9 A (12 A*) per module
*Test proven and approved under the following conditions:
· looped through System/Sensor power supply max. 2.5 A
· Power supply cable STL 204 (5x1.00 mm2)
· Operating temperature range max. 40° C
Overload-proof
yes
Number of digital channels
max. 16
Channel type N.O.
p-switching
Channel status indicator
LED yellow per channel
Diagnostic indication
LED red per socket
Included in delivery/accessories
Dust covers M12
4 pieces
Attachable labels
10 pieces
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
The application of these products in harsh environments should always be checked before use.
Specifications subject to alteration.
1-717-217-2299
www.lumberg-automationusa.com
10
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
Type
0980 ESL 710
Product Description
LioN-M EtherNet/IP Device with 16 digital I/O channels, channels can be used
universally as inputs or outputs, M12 socket, rotary address switches for addressing,
M12 LAN-Ports, D-coded, 7/8“ power supply.
Diagnostic indiction
LED
Indication
Condition
1...8 A
Yellow
Channel status 1
1...8 DIA A
Red
Periphery fault
1... 8 B
Yellow
Channel status 2
1... 8 DIA B
Red
Periphery fault
US
Green
Off
Sensor power supply applied
Sensor power supply missing
UL
Green
Off
Actuator power supply applied
Actuator power supply missing
P1 Lnk/Act
Green
Yellow flashing
Connected to an Ethernet device
I/O device exchanging data
P2 Lnk/Act
Green
Green flashing
Connected to an Ethernet device
I/O device exchanging data
MS (Module status)
Green
Green flashing
Red/Green flashing
Red flashing
Off
Device is ready for operating
Wrong configuration
Self test is running
Firnware update
Device is off
NS (Network status)
Green
Green flashing
Red
Red flashing
Off
Connection to master exists
IP address exists, but no connection to the master
IP address is used by a different device
Connection has timed out
Device is off
Part number
Order number
0980 ESL 710
0980 ESL 710
Bit assignment
DIA
7654321
0
M12 Input
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
M12 Output
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
Pin assignment
LAN connection M12, D-coded
Power supply 7/8”
Input/Output M12
1 = TD+
2 = RD+
3 = TD-
4 = RD
Housing = shielding
1 = +24 V Actuators
2 = +24 V Logic / Sensors
3 = GND (0 V) Logic / Sensors
4 = GND (0 V) Actuators
Housing = FE
1 = +24 V
2 = IN/OUT B
3 = GND (0 V)
4 = IN/OUT A
5 = earth
Housing = FE
1.800.Belden1 | www.lumberg-automationusa.com
1-717-217-2299
www.lumberg-automationusa.com
10
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
Type
0980 ESL 710
Product Description
LioN-M EtherNet/IP Device with 16 digital I/O channels, channels can be used
universally as inputs or outputs, M12 socket, rotary address switches for addressing,
M12 LAN-Ports, D-coded, 7/8“ power supply.
Diagnostic indiction
LED
Indication
Condition
1...8 A
Yellow
Channel status 1
1...8 DIA A
Red
Periphery fault
1... 8 B
Yellow
Channel status 2
1... 8 DIA B
Red
Periphery fault
US
Green
Off
Sensor power supply applied
Sensor power supply missing
UL
Green
Off
Actuator power supply applied
Actuator power supply missing
P1 Lnk/Act
Green
Yellow flashing
Connected to an Ethernet device
I/O device exchanging data
P2 Lnk/Act
Green
Green flashing
Connected to an Ethernet device
I/O device exchanging data
MS (Module status)
Green
Green flashing
Red/Green flashing
Red flashing
Off
Device is ready for operating
Wrong configuration
Self test is running
Firnware update
Device is off
NS (Network status)
Green
Green flashing
Red
Red flashing
Off
Connection to master exists
IP address exists, but no connection to the master
IP address is used by a different device
Connection has timed out
Device is off
Part number
Order number
0980 ESL 710
0980 ESL 710
Bit assignment
DIA
7654321
0
M12 Input
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
M12 Output
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
Pin assignment
LAN connection M12, D-coded
Power supply 7/8”
Input/Output M12
1 = TD+
2 = RD+
3 = TD-
4 = RD
Housing = shielding
1 = +24 V Actuators
2 = +24 V Logic / Sensors
3 = GND (0 V) Logic / Sensors
4 = GND (0 V) Actuators
Housing = FE
1 = +24 V
2 = IN/OUT B
3 = GND (0 V)
4 = IN/OUT A
5 = earth
Housing = FE
1.800.Belden1 | www.lumberg-automationusa.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com