Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MDD
Description  Resin Coated Metalized Polyester Film Capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MDD Datasheet HTML 1Page - List of Unclassifed Manufacturers MDD Datasheet HTML 2Page - List of Unclassifed Manufacturers MDD Datasheet HTML 3Page - List of Unclassifed Manufacturers MDD Datasheet HTML 4Page - List of Unclassifed Manufacturers MDD Datasheet HTML 5Page - List of Unclassifed Manufacturers MDD Datasheet HTML 6Page - List of Unclassifed Manufacturers MDD Datasheet HTML 7Page - List of Unclassifed Manufacturers MDD Datasheet HTML 8Page - List of Unclassifed Manufacturers MDD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
周波数別許容実効電流値
Permissible current vs. Frequency
MDD 5mm Pitch 50VDC
104
224
474
105
154
334
684
0.0
0.2
0.4
0.6
0.8
1.0
10
100
1000
周波数
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com