Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUHS Datasheet(PDF) 13 Page - COSEL CO., LTD.

Part # TUHS
Description  AC-DC Power Supplies PCB Mount Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

TUHS Datasheet(HTML) 13 Page - COSEL CO., LTD.

Back Button TUHS Datasheet HTML 6Page - COSEL CO., LTD. TUHS Datasheet HTML 7Page - COSEL CO., LTD. TUHS Datasheet HTML 8Page - COSEL CO., LTD. TUHS Datasheet HTML 9Page - COSEL CO., LTD. TUHS Datasheet HTML 10Page - COSEL CO., LTD. TUHS Datasheet HTML 11Page - COSEL CO., LTD. TUHS Datasheet HTML 12Page - COSEL CO., LTD. TUHS Datasheet HTML 13Page - COSEL CO., LTD. TUHS Datasheet HTML 14Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
85
0
20
40
60
80
Convection (0.2m/s),Forced air (2.0m/s)
100
020100
Ambient temperature[C]
40
-40-20
60
80
0
20
85
75
75
100
0
20
40
60
80
100
Convection(0.2m/s)
1
TUHS5F05,TUHS5F12,TUHS5F15
2
TUHS5F24
Ambient temperature[C]
40
-40
-20
60
80
85
0
20
40
60
80
Forced air(2.0m/s)
100
0
20
100
Ambient temperature[C]
40
-40
-20
60
80
85
0
20
40
60
80
Convection(0.2m/s)
1
TUHS10F05,TUHS10F15
2
TUHS10F12,TUHS10F24
55
100
0
20
100
Ambient temperature[C]
40
-40
-20
60
80
75 85
0
20
40
60
80
Forced air(2.0m/s)
1
TUHS10F05,TUHS10F15
2
TUHS10F12,TUHS10F24
100
0
20
100
Ambient temperature[C]
40
-40
-20
60
80
0
20
40
60
80
Convection(0.2m/s)
1
TUHS15F12
2
TUHS15F15
3
TUHS15F24
100
0
2
10
0
0
Ambient temperature[C]
40
-40
-20
60
80
85
45
1
2
3
75 85
0
20
40
60
80
Forced air(2.0m/s)
1
TUHS15F12,TUHS15F15
2
TUHS15F24
100
0
2
10
0
0
Ambient temperature[C]
40
-40
-20
60
80
¿
TUHS3F Ambient temperature derating curve
(Reference value)
¿
TUHS5F Ambient temperature derating curve
at convection cooling (Reference value)
¿
TUHS10F Ambient temperature derating curve
at convection cooling (Reference value)
¿
TUHS15F Ambient temperature derating curve
at convection cooling (Reference value)
¿
TUHS5F Ambient temperature derating curve
at forced air (Reference value)
¿
TUHS10F Ambient temperature derating curve
at forced air (Reference value)
¿
TUHS15F Ambient temperature derating curve
at forced air (Reference value)
TUHS-13
Derating
TUHS-series
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com