Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR10 Datasheet(PDF) 5 Page - CUI INC

Part # PR10
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PR10 Datasheet(HTML) 5 Page - CUI INC

  PR10 Datasheet HTML 1Page - CUI INC PR10 Datasheet HTML 2Page - CUI INC PR10 Datasheet HTML 3Page - CUI INC PR10 Datasheet HTML 4Page - CUI INC PR10 Datasheet HTML 5Page - CUI INC PR10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CUI DEVICES | SERIES: PR10 | DESCRIPTION: POWER RELAY
date 08/09/2022 | page 5 of 6
cuidevices.com
CHARACTERISTIC CURVES
0.1
0.2
0.3
0.4
0.5
0.6
0.7
60
40
20
0.4
0.6
0.8
1.0
1.2
1.4
0.2
0
0
1
50
10
5
0
2
46
810121416
10
8
6
4
2
0
Coil Power (W)
Operate
Release
Coil Power (W)
Contact Current (A)
120VAC Resistive
240VAC Resistive
Time Curve
Coil Temperature Rise
Life Curve
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com