Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR21 Datasheet(PDF) 5 Page - CUI INC

Part # PR21
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PR21 Datasheet(HTML) 5 Page - CUI INC

  PR21 Datasheet HTML 1Page - CUI INC PR21 Datasheet HTML 2Page - CUI INC PR21 Datasheet HTML 3Page - CUI INC PR21 Datasheet HTML 4Page - CUI INC PR21 Datasheet HTML 5Page - CUI INC PR21 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CUI DEVICES | SERIES: PR21 | DESCRIPTION: POWER RELAY
date 08/09/2022 | page 5 of 6
cuidevices.com
CHARACTERISTIC CURVES
020406080
100
300
260
220
180
140
100
60
0A
8A
B
A
1000
100
10
1
4.0
3.6
3.2
2.8
2.6
2.4
2.0
1.6
1.2
0.8
0.4
0
300 400 500
200
100
50
40
30
20
10
50
10
5
1
0.5
0.1
DC
AC
Contact Voltage (V)
Max. Ambient Temp. ( )
Switching Power (KVA)
Max Ambient Temp. Vs. Coil Voltage
Maximum Switching Power
Life Curve
A: Coil Temperature = Ambient Temperature
B : 110% of nominal coil voltage at rated contact load
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com