Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH3-1205S/H2-R Datasheet(PDF) 2 Page - Recom International Power

Part # RSH3-1205S/H2-R
Description  3 Watt SMD DIP14 Single and Dual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSH3-1205S/H2-R Datasheet(HTML) 2 Page - Recom International Power

  RSH3-1205S/H2-R Datasheet HTML 1Page - Recom International Power RSH3-1205S/H2-R Datasheet HTML 2Page - Recom International Power RSH3-1205S/H2-R Datasheet HTML 3Page - Recom International Power RSH3-1205S/H2-R Datasheet HTML 4Page - Recom International Power RSH3-1205S/H2-R Datasheet HTML 5Page - Recom International Power RSH3-1205S/H2-R Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.recom-power.com
REV.: 0/2022
ECO-2
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RSH3
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi type
Input Voltage Range
nom. Vin=
12VDC
24VDC
9VDC
18VDC
18VDC
36VDC
Input Surge Voltage
nom. Vin=
12VDC
24VDC
25VDC
50VDC
Minimum Load
0%
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open or High impedance
4.5VDC Supply to 68
W or IN1418
Internal Operating Frequency
100% load
130kHz
Output Ripple and Noise (5)
20MHz BW
30mVp-p
75mVp-p
Notes:
Note5: Measurements are made with a 0.1µF MLCC across output. (low ESR)
RSH3-1205S
RSH3-2405D
RSH3-2405S
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com