Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH3-1212S/H3-R Datasheet(PDF) 3 Page - Recom International Power

Part # RSH3-1212S/H3-R
Description  3 Watt SMD DIP14 Single and Dual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSH3-1212S/H3-R Datasheet(HTML) 3 Page - Recom International Power

  RSH3-1212S/H3-R Datasheet HTML 1Page - Recom International Power RSH3-1212S/H3-R Datasheet HTML 2Page - Recom International Power RSH3-1212S/H3-R Datasheet HTML 3Page - Recom International Power RSH3-1212S/H3-R Datasheet HTML 4Page - Recom International Power RSH3-1212S/H3-R Datasheet HTML 5Page - Recom International Power RSH3-1212S/H3-R Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-power.com
REV.: 0/2022
ECO-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RSH3
Series
CTRL Circuit
RSH3-12XXS_D
RSH3-24xxS_D
+V
out
+V
in
CTRL
-V
out
-V
in
4.5VDC
-Vin
+Vin
VCTRL
-Vout
+Vout
IN4148
+V
out
+V
in
CTRL
-V
out
-V
in
68
Ω
4.5VDC
-Vin
+Vin
VCTRL
-Vout
+Vout
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
low line to high line, full load
±0.2% max.
Load Regulation (6)
0% to 100% load
0.5% max.
Cross Regulation
Asymmetrical load 25%/100%
dual output only
±5.0% max.
Notes:
Note6: Operation below 20% load will not harm the converter, but specifications may not be met
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, auto recovery
Over Load Protection (OLP)
100% load
160% typ.
Isolation Voltage (7)
I/P to O/P
with suffix “H2”
tested for 1 minute
2kVDC
0.5kVAC
with suffix “H3”
tested for 1 minute
3kVDC
1kVAC
Isolation Resistance
1G
W min.
Isolation Capacitance
50pF typ.
Notes:
Note7: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note8: Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
@ natural convection 0.1m/s
refer to
“Derating Graph”
-40°C to +100°C
Maximum Case Temperature
105°C
Temperature Coefficient
±0.05%/K
Operating Altitude
5000m
Operating Humidity
non-condensing
5% to 95% RH max.
Pollution Degree
PD2
Vibration
according to MIL-STD-202G
10-55Hz, 2G, 30min along x y and z axes
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+81°C
2872 x 10³ hours
836 x 10³ hours
continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com