Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC05-R5F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRC05-R5F
Description  Miniature Circular Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRC05-R5F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRC05-R5F Datasheet HTML 1Page - List of Unclassifed Manufacturers PRC05-R5F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■ Part Numbering System
■ Insert Arrangement
A
B
B
A
C
A
B
C
D
E
A
F
B
E
C
D
H
D
A
BF
G
E
C
A
C
D
G
H
L
B
E
F
J
K
M
Insert 6
Insert 9
Insert 12
■ Mounting Hole Dimensions
B
C
B
Style 1
Style 2
Insert Size
Style
φA
B
6
1
9.2
8.4
9
12.2
11.2
12
16.2
14.7
Insert Size
Style
φA
B
C
6
2
9.2
10.5
φ2.2
9
12.2
13.0
φ2.2
12
16.2
17.0
φ2.2
Bulkhead Mount Receptacle
Flange Mount Receptacle
* Drawings above are ones viewed from the rear side of pin insulators. (pin contacts)
TAJIMI ELECTRONICS CO., LTD.
Miniature Circular Connectors Specifications
R03 series / R05 series / R27 series / R29 series / PRC05 series / PRC07 series
R 0 3 - P B 5 M
Contact Style
Number of Pins
Connector Configuration
Series
M : Male
F : Female
PB : Plug (Normal Clamp Type)
P : Plug (Screw Clamp Type)
JB : Jack (Normal Clamp Type)
J : Jack (Screw Clamp Type)
RB : Flange Mount Receptacle
R : Bulkhead Mount Receptacle
R03
R05
R27
R29
PRC05
PRC07
* R27, R29 and PRC07 are not available in insert size 12.
* R27, R29 and PRC07 are not available in insert size 12.
Series
R03, R05, PRC05
R27, R29, PR07
Insert Size
6
9
12
6
9
Number of Contacts
2
3
5
6
8
12
8
12
Withstanding Voltage (V
RMS)
900
900
500
900
700
900
300
Voltage Rating (V RMS)
300
300
150
300
200
300
100
Current Rating (A)
2
Applicable Wire Size
AWG#24 (0.2mm2 Max.)
AWG#26 (0.1mm2 Max.)
Contact Resistance
8m
Ω min.
10m
Ω min.
Insulation Resistance
DC500V 1000M
Ω min.
DC100V 1000M
Ω min.
28
28
28
28
28
■ Electrical Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com