Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF40100O2-1000U-A99 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # MF40100O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF40100O2-1000U-A99 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MF40100O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 12Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 13Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 14 of 14
Control declaration of environment-related substances/materials
1. In accordance with the Restriction of Hazardous Substances (RoHS) Directive
2011/65/EU, SUNON product have complied with law and discipline not to employ
the forbidden substances, and restrict the allowable concentration of some limited
substances deliberately in our components.
No
Substance
Criteria
1
CFCs & HCFCs (ozone depleting substances)
Forbidden
2
Chlorinated Organic Solvent
Forbidden
3
Lead and its compounds
Plastic (Frame, Impeller, wire harness, etc.)
<100ppm
Solder
<1000ppm
Steel alloy
<3500ppm
Aluminium alloy
<4000ppm
Copper alloy
<4wt%
4
Cadmium and its compounds
Solder
<20ppm
Parts composed of metals containing zinc
(e.g. brass, zinc for die casting)
<100ppm
Plastic
<5ppm
5
PBBs and PBDEs
Forbidden
6
PCB and PCT
Forbidden
7
CP, Short-chain Chlorinated paraffins C10-13, Cl ≥48 wt%
Forbidden
8
Mirex
Forbidden
9
PCN
Forbidden
10
Hexavalent Chromium compounds
<100ppm
11
Mercury and its compounds
Forbidden
12
Asbestos
Forbidden
13
Organic Tin compounds
Forbidden
14
Azo compounds
Forbidden
15
TBBP-A in external case plastic parts of products (PCB is exempted)
<1000ppm
16
Nickel in external case parts, which are likely to result in prolonged skin exposure
<1000ppm
17
Hexabromocyclododecane (HBCDD)
<1000ppm
18
Di-butyl Phthalate (DBP)
<1000ppm
19
Benzyl butyl Phthalate (BBP)
<1000ppm
20
Di-ethylhexyl Phthalate (DEHP)
<1000ppm
21
Di-isobutyl Phthalate (DIBP)
<1000ppm
Declaration of RoHS
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com