Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF40103O2-1000U-A99 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MF40103O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF40103O2-1000U-A99 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MF40103O2-1000U-A99 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF40103O2-1000U-A99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF40103O2-1000U-A99 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF40103O2-1000U-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF40103O2-1000U-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF40103O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40103O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40103O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40103O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 4 of 14
3. PERFORMANCE CHARACTERISTIC
RATED SPEED
5800 RPM ± 15% at r
ated voltage
AIR FLOW
7.0 CFM
STATIC PRESSURE
0.12 Inch-H2O
ACOUSTIC NOISE
20.6 dB(A)
AIR FLOW V.S. PRESSURE
See Page 5
INSULATION CLASS
UL Class A
INSULATION RESISTANCE
PLASTIC HOUSING
(1) 10M ohm at 500 VDC between internal stator and
(2) Lead wire (+)
DIELECTRIC STRENGTH
Applied AC 500 V for one minute or AC 600 V for 2
Seconds between housing and lead wire (+)
LIFE EXPECTANCY
70,000 hrs at 40 deg. C, 65% humidity, 90% CL.
PROTECTION
Automatic Restart
Note: In a situation where the fan is locked by an external
force while the electricity is on, an increase in coil
temperature will be prevented by temporarily turning off the
electrical power to the motor. The fan will automatically
restart when the locked rotor condition is released.
Polarity Protection
4. SAFETY
SAFETY
UL
CUR
TUV
CE
NO.
E77551
E77551
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com