Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC07-RB5F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PRC07-RB5F
Description  Miniature Circular Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRC07-RB5F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PRC07-RB5F Datasheet HTML 1Page - List of Unclassifed Manufacturers PRC07-RB5F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■ Specifications
● R03 series are small circular connectors with screw on system. They are subminiature in size and are suited
for a variety of electronic equipment.
● A wide variety of molded cable assemblies are available for your requirement.
● R27 series based on R03 series feature high density and miniaturization.
■ Configuration
* See page 28 as for Electrical Specifications.
Cable Assemblies
Plug / Normal Clamp Type
R03-PB5M
Flange Mount Receptacle
R03-RB5F
Jack / Normal Clamp Type
R03-JB5F
Plug / Screw Clamp Type
R03-P5M
Bulkhead Mount Receptacle
R03-R5F
Jack / Screw Clamp Type
R03-J5F
TAJIMI ELECTRONICS CO., LTD.
Series
R05
R27
Connections
Screw Coupling
Termination
Solder
Temperature and Humidity
-25º C to +85º C 85% Max.
Number of Pins
2, 3,5,6,8,12
8,12
Shell Material / Finish
Brass and Zinc Alloy / Nickel
Contact Material / Finish
Copper Alloy / Gold over Nickel
Corrosion Resistance
Salt Spray 5% 48H
Miniature Circular Connectors
R03 series / R27 series
B
Plug / Normal Clamp Type
Q
R
P
Plug / Screw Clamp Type
B
Jack / Normal Clamp Type
E
F
G
Bulkhead Mount Receptacle
4-øN
L
M
E
J
G
Flange Mount Receptacle
Series
Insert
size
No. of
Pins
Dimensions (mm)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
R03
62, 3,5
12.0 32.0
5.2 10.5 P=0.75
1.5 9.0 18.0 9.0 P=0.5
9.5 10.5 10.5 15.0 2.2 35.0 10.5
9.5
96, 8
15.5 34.0
6.2 M14 P=1
1.5 9.0 18.0 12.0 P=0.8
9.5 10.5 13.0 17.5 2.2 37.0 13.5 10.5
12
12
20.0 39.0 10.5 M18 P=1
1.5 9.0 18.0 M16 P=1
9.5 10.5 17.0 22.5 2.8 37.0 13.5 10.5
R27
68
12.0 32.0
5.2 10.5 P=0.75
1.5 9.0 18.0 9.0 P=0.5
9.5 10.5 10.5 15.0 2.2 35.0 10.5
9.5
912
15.5 34.0
6.2 M14 P=1
1.5 9.0 18.0 12.0 P=0.8
9.5 10.5 13.0 17.5 2.2 37.0 13.5 10.5
26
26
26
26
26


Similar Part No. - PRC07-RB5F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRC07 ETC-PRC07 Datasheet
99Kb / 2P
Push-Pull Circular Connectors
More results

Similar Description - PRC07-RB5F

ManufacturerPart #DatasheetDescription
logo
ITT Industries
58286 ITT-58286 Datasheet
326Kb / 31P
Miniature circular connectors
logo
List of Unclassifed Man...
KPSE06F12-10P ETC2-KPSE06F12-10P Datasheet
326Kb / 31P
Miniature circular connectors
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
Miniature circular connectors
TM0508A LUMBERG-TM0508A Datasheet
407Kb / 4P
Miniature circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
Miniature circular connectors
logo
Hirose Electric
HR10 HIROSE-HR10 Datasheet
1Mb / 21P
High performance miniature circular connectors
HR12 HIROSE-HR12 Datasheet
2Mb / 16P
High Performance Miniature Circular Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
Miniature Push-Pull Circular Connectors
logo
List of Unclassifed Man...
ER03 ETC-ER03 Datasheet
1Mb / 8P
Miniature Circular Connectors
logo
Hosiden Corporation
TCS-SERIES HOSIDEN-TCS-SERIES Datasheet
14Mb / 40P
Miniature Circular Connectors
2016. 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com