Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA600F-48-R Datasheet(PDF) 15 Page - COSEL CO., LTD.

Part # PJA600F-48-R
Description  AC-DC Power Supplies Enclosed Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PJA600F-48-R Datasheet(HTML) 15 Page - COSEL CO., LTD.

Back Button PJA600F-48-R Datasheet HTML 8Page - COSEL CO., LTD. PJA600F-48-R Datasheet HTML 9Page - COSEL CO., LTD. PJA600F-48-R Datasheet HTML 10Page - COSEL CO., LTD. PJA600F-48-R Datasheet HTML 11Page - COSEL CO., LTD. PJA600F-48-R Datasheet HTML 12Page - COSEL CO., LTD. PJA600F-48-R Datasheet HTML 13Page - COSEL CO., LTD. PJA600F-48-R Datasheet HTML 14Page - COSEL CO., LTD. PJA600F-48-R Datasheet HTML 15Page - COSEL CO., LTD. PJA600F-48-R Datasheet HTML 16Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
PJA-15
Assembling and Installation Method
■When mounting the power supply with screws, it is recommended that this be done as shown above . If other methods are used, be sure
the weight of the power supply is taken into account.
■Avoid the not allowed installation method as it gives excessive stress to the mounting holes.
■Do not block air flow of the built-in fan (terminal block and ventilation hole).
■If the power supply is used in a dusty environment, use an airfilter. Make sure air flow is not blocked.
■If the built-in fan stops, thermal protection will work and the outputwill stop.
■The life expectancy (R(t)=90%) of the built-in fan varies depending on the operating condition.
Derating
¿
Input voltage Derating Curve
85
115
80
85
100
[%]
[AC V]
100
90
1
3
2
1
PJA100F,PJA150F
PJA1000F,PJA1500F
2
PJA300F
3
PJA600F
¿
PJA100F/150F-12,15
Ambient temperature Derating Curve
(Reference value)
¿
PJA100F/150F-24,36,48
Ambient temperature Derating Curve
(Reference value)
-20-10
0
0
80
70
60
555
0
40
30
1
2
3
)
3
Forced air(0.5m3 /min
1
Convection (A mount)
2
Convection (B, C mount)
0
8
0
10
0
6
0
4
0
5
30
0
2
20
10
[C]
Ambient temperature
-20-10
0
0
80
70
60
55
35
45
5
0
40
30
1
2
3
0
8
0
10
0
6
0
4
0
5
0
2
20
10
[C]
Ambient temperature
30
)
3
Forcedair (0.5m3 /min
1
Convection (A mount)
2
Convection (B, C mount)
■In the hatched area, the specification of Ripple, Ripple Noise is different from other area.
■The ambient temperature should be measured 5 to 10 cm away from the power supply so that it won’t be influenced by the heat from the
power supply. Please consult us for more details.
■Make sure the temperature at point A and point B is less than the temperatures shown in Instruction Manual 3.
¿
PJA600F/1000F/1500F
Ambient temperature Derating Curve
¿
PJA300F
Ambient temperature Derating Curve
Ambient temperature [C]
020
10
-20-10
100
80
60
50
40
20
0
80
60
70
50
40
30
0
20
10
-20
-10
100
80
60
40
20
0
80
60
70
50
40
30
Ambient temperature [C]
1
2
1
PJA1500F-12
PJA1500F-15
PJA1500F-36
2
other
■The ambient temperature is defined as the temperature of the air (at the terminal block side) that the built-in cooling fan blows into the pow-
er supply. Please pay attention to the heat generated by the input and output wires. Please consult us for more details.
PJA-series
June 25, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com