Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627M Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP627M
Description  Photocouplers Infrared LED & Photo Darlington Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627M Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP627M Datasheet HTML 1Page - Toshiba Semiconductor TLP627M Datasheet HTML 2Page - Toshiba Semiconductor TLP627M Datasheet HTML 3Page - Toshiba Semiconductor TLP627M Datasheet HTML 4Page - Toshiba Semiconductor TLP627M Datasheet HTML 5Page - Toshiba Semiconductor TLP627M Datasheet HTML 6Page - Toshiba Semiconductor TLP627M Datasheet HTML 7Page - Toshiba Semiconductor TLP627M Datasheet HTML 8Page - Toshiba Semiconductor TLP627M Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLP627M,TLP627MF
4
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
Min
1 × 1012
5000
Typ.
0.6
1014
Max
Unit
pF
Ω
Vrms
Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are
shorted together.
11.
11.
11.
11. Switching Characteristics (Unless otherwise specified,T
Switching Characteristics (Unless otherwise specified,T
Switching Characteristics (Unless otherwise specified,T
Switching Characteristics (Unless otherwise specified,Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Rise time
Fall time
Turn-on time
Turn-off time
Turn-on time
Storage time
Turn-off time
Symbol
tr
tf
ton
toff
ton
ts
toff
Note
Test Condition
VCC = 10 V, IC = 10 mA,
RL = 100 Ω
See Fig. 11.1.
RL = 180 Ω, VCC = 10 V,
IF = 16 mA
Min
Typ.
60
30
110
30
2
25
80
Max
Unit
µs
Fig.
Fig.
Fig.
Fig. 11.1
11.1
11.1
11.1 Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
2018-12-06
Rev.1.0
©2018
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com