Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEO3910PDT-D Datasheet(PDF) 7 Page - STMicroelectronics

Part # LEO3910PDT-D
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910PDT-D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LEO3910PDT-D Datasheet HTML 3Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 4Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 5Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 6Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 7Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 8Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 9Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 10Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6
Device functional description
The LEO3910 adjustable voltage regulator contains a PNP type power element controlled by a signal resulting
from an amplified comparison between the internal temperature-compensated band-gap and the fraction of the
desired output voltage value obtained from an external resistor divider bridge. The device is protected by several
functional blocks.
6.1
ADJ pin
The output voltage feedback comes through an external resistor divider (R1, R2 as in the typical application
schematic), whose mid-point connected to the ADJ pin (allowing all possible output voltage settings as per user
requirements).
6.2
INHIBIT
By setting the INHIBIT pin TTL high, the device switches off the output current and voltage. The device is ON
when the INHIBIT pin is set low. Since the INHIBIT pin is pulled down internally, it can be left floating in cases
where the inhibit function is not used.
6.3
Overtemperature protection
The LEO3910 is protected by a junction temperature detection circuit, turning the device “OFF” when the
temperature attains 175 °C. The recovery of the ON mode occurs with a hysteresis of 40 °C. Combined with
the other protection blocks, the device is protected from destructive junction temperature excursions in all load
conditions. It should be noted that when the internal temperature detector reaches 175 °C, the active power
element can be as high as 225 °C. Prolonged operation under these conditions far exceeds the maximum
operating ratings and the device reliability cannot be guaranteed.
6.4
Overcurrent protection
The device is equipped with a circuit having the purpose of limiting the maximum load current, in order to protect
the output stage against possible overcurrent-related damages. By denoting ISHORT the maximum current
available at output, this value can be modified externally by a resistor between the pins ISC and Vin, with a typical
value range of 17 kΩ to 200 kΩ.
As the behavior of the overcurrent protection, when the load current approaches the mentioned ISHORT, the
regulation is inhibited.
To maintain optimal VO regulation and at the same time an acceptable accuracy for ISHORT, it is necessary:
•
to set an ISHORT> = 1 A
•
to set ISHORT 1.6 times greater than the maximum desired application IO to fix enough margins from the
regulation range.
When IO reaches typically ISHORT – 300 mA, the current limiter overrules the regulation, VO starts to drop and
the OCM flag rises. When no current limitation adjustment is required, the ISC pin can be left unbiased.
6.5
OCM pin
In the event of an overcurrent at the output, a voltage level of 0.4 V is present at the OCM pin. In other conditions,
this voltage equals VI. The OCM pin is internally pulled up by a 5 kΩ resistor up to VI. It is buffered and can sink
up to 10 mA.
LEO3910
Device functional description
DS13691 - Rev 2
page 7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com