Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC00PT-D Datasheet(PDF) 2 Page - STMicroelectronics

Part # LEOAC00PT-D
Description  Rad-hard plastic quad 2-input NAND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC00PT-D Datasheet(HTML) 2 Page - STMicroelectronics

  LEOAC00PT-D Datasheet HTML 1Page - STMicroelectronics LEOAC00PT-D Datasheet HTML 2Page - STMicroelectronics LEOAC00PT-D Datasheet HTML 3Page - STMicroelectronics LEOAC00PT-D Datasheet HTML 4Page - STMicroelectronics LEOAC00PT-D Datasheet HTML 5Page - STMicroelectronics LEOAC00PT-D Datasheet HTML 6Page - STMicroelectronics LEOAC00PT-D Datasheet HTML 7Page - STMicroelectronics LEOAC00PT-D Datasheet HTML 8Page - STMicroelectronics LEOAC00PT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
Functional description
Figure 1. Pin connections (top view)
8
11
14
13
12
17
1
2
3
4
5
6
7
2B
4Y
2Y
NC
3Y
NC
4B
4A
NC
NC
1B
1Y
NC
3B
16
15
2A
NC
9
18
G ND
3A
10
1A
VC C
19
20
NC: not internally connected.
The pin can be externally connected to any potential.
Table 1. Truth table
Each gate
INPUT (A)
INPUT (B)
OUTPUT (Y)
L
L
H
L
H
H
H
L
H
H
H
L
with: L = low level, H = high Level.
For all inputs, VIN = VIH minimum or VIL maximum, verify output VOUT.
LEOAC00
Functional description
DS13639 - Rev 4
page 2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com