Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LEOAC08
Description  Rad-hard plastic Quad two-input AND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC08 Datasheet(HTML) 5 Page - STMicroelectronics

  LEOAC08 Datasheet HTML 1Page - STMicroelectronics LEOAC08 Datasheet HTML 2Page - STMicroelectronics LEOAC08 Datasheet HTML 3Page - STMicroelectronics LEOAC08 Datasheet HTML 4Page - STMicroelectronics LEOAC08 Datasheet HTML 5Page - STMicroelectronics LEOAC08 Datasheet HTML 6Page - STMicroelectronics LEOAC08 Datasheet HTML 7Page - STMicroelectronics LEOAC08 Datasheet HTML 8Page - STMicroelectronics LEOAC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Symbol
Parameter
Test condition
VCC
(V)
Min.
Typ.
Max.
Unit
VIC-
Negative input clamp
voltage
For input under test, IIN = -1.0 mA
Open
0.4
1.5
V
IIH
Input current high
For input under test, VIN = VCC
For all other inputs, VIN = VCC or GND
5.5
1
µA
IIL
Input current low
For input under test, VIN = GND
For all other inputs, VIN = VCC or GND
5
-1
µA
ICCH
Quiescent supply
current, output high
For all inputs, VIN = VCC or GND IOUT = 0 A
5.5
40
μA
ICCL
Quiescent supply
current, output low
For all inputs, VIN = VCC or GND IOUT = 0 A
5.5
40
µA
CIN (3)
Input capacitance
Ta = +25 °C
5
10
pF
CPD (4)
(3)
Power dissipation
capacitance
Ta = +25 °C, F = 1 MHz
5
88
pF
Tr, Tf
Output rise time and fall
time
CL = 2 pF, RL = 500 ohm (see Figure 2)
3
3.3
ns
4.5
2.7
CL = 50 pF, RL = 500 ohm (see Figure 2)
3
4.6
4.5
3.3
TPHL (5)
Propagation delay time
An to Yn, high to low
CL = 50 pF, RL = 500 ohm (see Figure 2)
3
1
11.5
ns
4.5
1
8.5
TPLH(5)
Propagation delay time
An to Yn, low to high
CL = 50 pF, RL = 500 ohm (see Figure 2)
3
1
12.5
4.5
1
9
1. The VOH and VOL tests shall be tested at VCC = 3.0 V and 4.5 V. The VOH and VOL tests are guaranteed, if not tested, for
other values of VCC. Limits shown apply to operation at VCC = 3.3 V, ±0.3 V and VCC = 5.0 V ±0.5 V. Tests with input current
at +50 mA and –50 mA are performed on only one input at a time with duration not to exceed 10 ms. Transmission driving
tests may be performed using VIN = VCC or GND. When VIN = VCC or GND is used, the test is guaranteed for VIN = VIH
minimum and VIL maximum.
2. The VIH and VIL tests are not required if applied as forcing functions for VOH and VOL tests.
3. CIN and CPD shall be measured only for initial qualification and after process or design changes which may affect
capacitance. CIN shall be measured between the designated terminal and GND at a frequency of 1 MHz. CPD shall be
tested in accordance with the latest revision of JEDEC Standard JESD20 and table IA herein. For CIN and CPD, test all
applicable pins on five devices with zero failures.
4. Power dissipation capacitance (CPD) determines both the power consumption (PD) and dynamic current consumption (IS).
Where: PD = (CPD + CL) (VCC x VCC) f + (ICC x VCC) and IS = (CPD + CL) VCC x f + ICC, and f is the frequency of the input
signal and CL is the external output load capacitance.
5. For propagation delay tests, all paths are tested. The AC limits at VCC = 5.5 V are equal to the limits at VCC = 4.5 V and
guaranteed by testing at VCC = 4.5 V. The AC limits at VCC = 3.6 V are equal to the limits at VCC = 3.0 V and guaranteed by
testing at VCC = 3.0 V. Minimum AC limits for VCC = 5.5 V and VCC = 3.6 V are 1.0 ns and guaranteed by guard banding the
VCC = 4.5 V and VCC = 3.0 V minimum limits, respectively, to 1.5 ns. For propagation delay tests, all paths must be tested.
LEOAC08
Electrical characteristics
DS13855 - Rev 2
page 5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com