Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC14PT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LEOAC14PT
Description  Rad-hard plastic Hex inverter with Schmitt trigger input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC14PT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LEOAC14PT Datasheet HTML 2Page - STMicroelectronics LEOAC14PT Datasheet HTML 3Page - STMicroelectronics LEOAC14PT Datasheet HTML 4Page - STMicroelectronics LEOAC14PT Datasheet HTML 5Page - STMicroelectronics LEOAC14PT Datasheet HTML 6Page - STMicroelectronics LEOAC14PT Datasheet HTML 7Page - STMicroelectronics LEOAC14PT Datasheet HTML 8Page - STMicroelectronics LEOAC14PT Datasheet HTML 9Page - STMicroelectronics LEOAC14PT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
4. The AC limits at VCC = 5.5 V are equal to the limits at VCC = 4.5 V and guaranteed by testing at VCC = 4.5
V. The AC limits at VCC = 3.6 V are equal to the limits at VCC = 3.0 V and guaranteed by testing at VCC
= 3.0 V. Minimum AC limits for VCC = 5.5 V and VCC = 3.6 V are 1.0 ns and guaranteed by guard banding
the VCC = 4.5 V and VCC = 3.0 V minimum limits, respectively, to 1.5 ns. For propagation delay tests, all
paths must be tested.
LEOAC14
Electrical characteristics
DS13638 - Rev 5
page 6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com