Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC244 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LEOAC244
Description  Rad-hard plastic octal bus buffer with 3-state outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC244 Datasheet(HTML) 5 Page - STMicroelectronics

  LEOAC244 Datasheet HTML 1Page - STMicroelectronics LEOAC244 Datasheet HTML 2Page - STMicroelectronics LEOAC244 Datasheet HTML 3Page - STMicroelectronics LEOAC244 Datasheet HTML 4Page - STMicroelectronics LEOAC244 Datasheet HTML 5Page - STMicroelectronics LEOAC244 Datasheet HTML 6Page - STMicroelectronics LEOAC244 Datasheet HTML 7Page - STMicroelectronics LEOAC244 Datasheet HTML 8Page - STMicroelectronics LEOAC244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Symbol
Parameter
Test conditions
VCC Min. Typ. Max. Unit
VIC+
Positive input clamp
voltage
For input under test,
Iin = 1 mA
0 V
0.4
1.5
V
VIC-
Negative input clamp
voltage
For input under test, IIN = -1.0 mA
Open -0.4
-1.5
V
IIH
Input current high
For input under test, VIN = VCC
For all other inputs,
VIN = VCC or GND
5.5 V
1
µA
IIL
Input current low
For input under test, VIN = GND
For all other inputs,
VIN = VCC or GND
5.5 V
-1
µA
ICCH
Quiescent supply current,
output high
For all inputs, VIN = VCC or GND
IOUT = 0 A
5.5 V
50
µA
ICCL
Quiescent supply current,
output low
For all inputs, VIN = VCC or GND
IOUT = 0 A
5.5 V
50
µA
ICCZ
Quiescent supply current,
output 3-state
For input under test, VIN = VCC/2
for all other inputs,VIN = VCC or GND
5.5 V
50
µA
IOZH
3-state output leakage
current high
mOE = VIH min or VIL max
All other inputs = VCC or GND
VOUT = 5.5 V, test with each mOE = VIH min.
5.5 V
5
µA
IOZL
3-state output leakage
current low
mOE = VIH min or VIL max
All other inputs = VCC or GND
VOUT = GND, test with each mOE = VIH min.
5.5 V
5
µA
CIN(2)
Input capacitance
Ta=+25 °C
5 V
8
pF
CPD(2)(3)
Power dissipation
capacitance
Ta=+25 °C, F=1MHz
5 V
60
pF
Tr, Tf
Output rise time and fall
time
CL = 2 pF, RL = 500 ohm, see Figure 3. Wave form
and Figure 4. Test circuit
3 V
4.5
ns
4.5 V
2.8
CL = 50 pF, RL = 500 ohm, see Figure 3. Wave form
and Figure 4. Test circuit
3 V
6.8
4.5 V
5
TPHL (4)
Propagation delay time An
to Yn, high to low
CL=50 pF, RL=500 ohm
See Figure 3. Wave form and Figure 4. Test circuit
3 V
1
10
ns
4.5 V
1
8
TPLH(4)
Propagation delay time An
to Yn, low to high
3 V
1
10
4.5 V
1
8
TPHZ(4)
Propagation delay time
mOE to mYn, high output
to disable
CL=50 pF, RL=500 ohm
See Figure 3. Wave form and Figure 4. Test circuit
3 V
1
10
ns
4.5 V
1
8
TPLZ(4)
Propagation delay time
mOE to mYn, low output to
disable
3 V
1
10
4.5V
1
8
TPZH (4)
Propagation delay time
mOE to mYn, high output
to enable
3 V
1
10
4.5 V
1
8
TPZL(4)
Propagation delay time
mOE to mYn, low output to
enable
3 V
1
10
4.5 V
1
8
LEOAC244
Electrical characteristics
DS13637 - Rev 4
page 5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com