Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1009A Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHF1009A
Description  Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1009A Datasheet(HTML) 5 Page - STMicroelectronics

  RHF1009A Datasheet HTML 1Page - STMicroelectronics RHF1009A Datasheet HTML 2Page - STMicroelectronics RHF1009A Datasheet HTML 3Page - STMicroelectronics RHF1009A Datasheet HTML 4Page - STMicroelectronics RHF1009A Datasheet HTML 5Page - STMicroelectronics RHF1009A Datasheet HTML 6Page - STMicroelectronics RHF1009A Datasheet HTML 7Page - STMicroelectronics RHF1009A Datasheet HTML 8Page - STMicroelectronics RHF1009A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID025148 Rev 3
5/19
RHF1009A
Electrical characteristics
19
Kvh(1)
Long-term stability
IK = 100 µA
VK = VRef
t = 1000 hrs
-55 °C
+25 °C
+125 °C
100
100
100
ppm
Kvhd
Stability in radiation
IK = 100 µA
VK = VRef
Total dose = 300 krad
Dose rate = 0.01 rad/s
-55 °C
+25 °C
+125 °C
1000
1000
1000
ppm
en
Voltage noise
IK = 100 µA
VK = VRef
F= 1 kHz
-55 °C
+25 °C
+125 °C
760
880
980
nV/
√ Hz
1.
Reliability verified with a cathode current setting IK = 10 mA
Table 4. Anode is connected to Gnd (0 V), VK is in reference to anode voltage. CK (between anode
and cathode) = 100 nF, R1 = 0 and R2 not connected unless otherwise specified (continued)
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
Vk 0hr
() Vk 1000hrs
()
–
Vk 0hr
()
------------------------------------------------------------------
10
6
×
Vk 0rad
() Vk 300krad
()
–
Vk 0rad
()
----------------------------------------------------------------------
10
6
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com