Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFAHC00 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFAHC00
Description  Rad-Hard, quad high speed NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFAHC00 Datasheet(HTML) 5 Page - STMicroelectronics

  RHFAHC00 Datasheet HTML 1Page - STMicroelectronics RHFAHC00 Datasheet HTML 2Page - STMicroelectronics RHFAHC00 Datasheet HTML 3Page - STMicroelectronics RHFAHC00 Datasheet HTML 4Page - STMicroelectronics RHFAHC00 Datasheet HTML 5Page - STMicroelectronics RHFAHC00 Datasheet HTML 6Page - STMicroelectronics RHFAHC00 Datasheet HTML 7Page - STMicroelectronics RHFAHC00 Datasheet HTML 8Page - STMicroelectronics RHFAHC00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Table 5. AC electrical characteristics
Symbol
Parameters
Test conditions
Vcc (V)
Min.
Typ.
Max.
Unit
Cpd
Power dissipation capacitance
Cpd = Iccrms/(Vcc*F)(1)(2)
F=1 MHz, Load=10 pF
1.8
5
pF
3.3
7
Tphl
Propagation delay mA or mB to mY
Load=10 pF to GND
1.8
1.5
5.5
ns
2.5
1.2
3.5
3.3
1
3
Tplh
Propagation delay mA or mB to mY
1.8
1.5
5.5
ns
2.5
1.2
3.5
3.3
1
3
Tr
Output rise time
1.8
1.9
ns
2.5
1.4
3.3
1.3
Tf
Output fall time
1.8
1.9
ns
2.5
1.4
3.3
1.3
1. Guaranteed by design and characterization.
2. Power dissipation capacitance (Cpd) determines both the power consumption (PD) and dynamic current consumption (IS).
Where: PD = (Cpd + CLoad) (VCC x VCC) x f + (ICC x VCC) IS = (Cpd + CLoad) VCC x f + ICC, where f is the frequency of the
input signal and CLoad is the external output load capacitance.
RHFAHC00
Electrical characteristics
DS12465 - Rev 2
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com