Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFOSC04K01V Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHFOSC04K01V
Description  Rad-hard, crystal oscillator driver and divider
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFOSC04K01V Datasheet(HTML) 3 Page - STMicroelectronics

  RHFOSC04K01V Datasheet HTML 1Page - STMicroelectronics RHFOSC04K01V Datasheet HTML 2Page - STMicroelectronics RHFOSC04K01V Datasheet HTML 3Page - STMicroelectronics RHFOSC04K01V Datasheet HTML 4Page - STMicroelectronics RHFOSC04K01V Datasheet HTML 5Page - STMicroelectronics RHFOSC04K01V Datasheet HTML 6Page - STMicroelectronics RHFOSC04K01V Datasheet HTML 7Page - STMicroelectronics RHFOSC04K01V Datasheet HTML 8Page - STMicroelectronics RHFOSC04K01V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
Maximum ratings and operating conditions
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation
under these conditions is not implied.
Table 2. Absolute maximum ratings
Symbol
Parameters
Value
Units
VDD(1)
Maximum power supply between VDD and VSS
4.8
V
Tstg
Maximum temperature storage
-65 to +150
°C
Tj
Maximum junction temperature
+150
°C
Rthjc
Junction-to-case thermal resistance (Flat-10 package)(2)
22
°C/W
Rthja
Junction-to-ambient thermal resistance (Flat-10 package) (2)
125
°C/W
Vi
Max. voltage on any pin
-0.3 V to VDD+0.3 V
V
Ii
Max. input current at any pin
±10
mA
ESD
HBM on all pins (human body model)
2 k
V
CDM on all pins (charged device model)
1 k
V
1. All voltages are with respect to the network ground terminal .
2. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on outputs.
Table 3. Operating conditions
Symbol
Parameters
Min.
Max.
Units
VDD
Supply voltage (VDD1 and VDD2 must be connected to the same voltage)
2.3
3.6
V
VIN
Input voltage IN1 and IN2
0
VDD
V
A, B and EN inputs
0
VDD
TA
Ambient temperature range
-55
+125
°C
RHFOSC04
Maximum ratings and operating conditions
DS13330 - Rev 1
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com