Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRDAC1612 Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHRDAC1612
Description  Rad-hard high resolution DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRDAC1612 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHRDAC1612 Datasheet HTML 17Page - STMicroelectronics RHRDAC1612 Datasheet HTML 18Page - STMicroelectronics RHRDAC1612 Datasheet HTML 19Page - STMicroelectronics RHRDAC1612 Datasheet HTML 20Page - STMicroelectronics RHRDAC1612 Datasheet HTML 21Page - STMicroelectronics RHRDAC1612 Datasheet HTML 22Page - STMicroelectronics RHRDAC1612 Datasheet HTML 23Page - STMicroelectronics RHRDAC1612 Datasheet HTML 24Page - STMicroelectronics RHRDAC1612 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
RHRDAC1612
DAC operation
DocID029369 Rev 2
21/47
8.
Standy = standy mode of DAC
9.
Operating = normal operation of DAC.
10. CAL = flag that indicates the start/end of the calibration
11. Offset change = function that changes the offset register value
12. Calibration = function that calibrates the offset error. When the function starts, CAL = 0
and when the function ends, CAL = 1.
4.7
ARSTN and PDN digital pin functions
ARSTN
ARSTN is an input that allows the RHRDAC1612 to be reset asynchronously. This input is
active at low level (“0” logic) and has total priority vs. the PDN input and SPI control.
While ARSTN = “0” logic, the registers of the RHRDAC1612 cannot be set. A read of these
registers gives 00h.
When ARSTN changes from “0” to “1” logic, all values in the register are set to default as
indicated in Table 6 (see POR or ARSTN column).
PDN
PDN is an input that allows the RHRDAC1612 to be set asynchronously in standby. This
input is active at low level (“0” logic). Despite the standby feature, this input must be used
to set/reset the bits Vseries and RC EN at address 01h as shown in Figure 17: "DAC
operation flow chart (continued)".
Table 6 below shows the truth table of ARSTN and PDN.
Table 7: Truth table of ARSTN and PDN
ARSTN
PDN
Icc
Vout
0
0
Standby
HiZ state
1
0
0
1
≈ 2.2 mA
LowZ, equal to ≈ VREFIN (it is not recommended to use this
combination)
1
1
Operating
LowZ operating, Vout = f (code in Adr 02h)
4.8
Power-on-reset (POR) feature
The RHRDAC1612 integrates an internal POR connected to AVCC. POR levels are given
in Table 13: "Electrical characteristics". If AVCC does not reach 2 V to 2.3 V when AVCC
increases, the internal POR forces a reset equivalent to ARSTN = 0. If AVCC does not
reach 2 V to 1.7 V when AVCC decreases, the internal POR is not active.
4.9
Power supply sequencing
The RHRDAC1612 has three different power supplies (AVCC, DVCC, and IOVCC). These
power supplies must be set and reset as described in Figure 23: "DAC timing diagram 2"
and the amplitude must respect values in Table 12: "Operating conditions (Tamb from -55
°C to 125 °C)".
To avoid unwanted behavior on the output during power supply sequencing, it is also
advised to keep the ARSTN and PDN inputs at low levels (GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com