Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRPM4423 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHRPM4423
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHRPM4423 Datasheet HTML 9Page - STMicroelectronics RHRPM4423 Datasheet HTML 10Page - STMicroelectronics RHRPM4423 Datasheet HTML 11Page - STMicroelectronics RHRPM4423 Datasheet HTML 12Page - STMicroelectronics RHRPM4423 Datasheet HTML 13Page - STMicroelectronics RHRPM4423 Datasheet HTML 14Page - STMicroelectronics RHRPM4423 Datasheet HTML 15Page - STMicroelectronics RHRPM4423 Datasheet HTML 16Page - STMicroelectronics RHRPM4423 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
It is indicated in the below equation:
Equation 2
When an application is designed using the RHRPM4423, the effect of external gate resistors on the power
dissipated by the driver has to be taken into account. External gate resistors help the device to dissipate the
switching power since the same power, PSW, is shared between the internal driver impedance and the external
resistor.
In Figure 7. Minimum gate resistance, the MOSFET driver can be represented by a push-pull output stage with
two different MOSFETs:
•
PDMOS to drive the external gate to high level
•
NDMOS to drive the external gate to low level (with RDS(on): Rhi, Rlo)
The external MOSFET can be represented as Cgate capacitance, which stores QG gate charge required by the
external MOSFET to reach VCC driving voltage. This capacitance is charged and discharged at FSW frequency.
PSW total power is dissipated among the resistive components distributed along the driving path. According to the
external gate resistance and the intrinsic MOSFET gate resistance, the driver only dissipates a PSW portion as
follows (per driver):
Equation 3
P S W
1
2
--- Cga te VCC
(
)
2 F
S W
Rhi
Rhi Rg Rloa d
+
+
------------------------------------------
Rlo
Rlo Rg Rloa d
+
+
------------------------------------------
+
⋅
⋅
⋅
⋅
=
The total dissipated power from the driver is given by PTOT = PDC + 2*PSW.
Figure 8. Driver and load equivalent circuits
Rg
VCC
Rhi = Rds_on of the high side integrated switch
Rlo = Rds_on of the low side integrated switch
OUT_x
PGND
Gate
Driver
Rload
Cgate
MOSFET
Equivalent circuit
Rhi
Rlo
GIPD180120161338MT
RHRPM4423
Power dissipation
DS11827 - Rev 3
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com