Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRPM4423K02V Datasheet(PDF) 19 Page - STMicroelectronics

Part # RHRPM4423K02V
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423K02V Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RHRPM4423K02V Datasheet HTML 15Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 16Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 17Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 18Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 19Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 20Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 21Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 22Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Figure 20. Source resistance vs temperature
GIPD180120161506MT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-55
-25
0
+25
+50
+75
+100
+125
Temperature (°C)
VCC=10V
Figure 21. Sink resistance vs temperature
GIPD180120161507MT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-55
-25
0
+25
+50
+75
+100
+125
Temperature (°C)
VCC=10V
Figure 22. Output resistance vs current
GIPD180120161508MT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
200
300
400
500
Sink/source current (mA)
Rhi
Rlo
Figure 23. Operating supply current vs supply
voltage (operating frequency = 100 kHz)
GIPD180120161509MT
0
50
100
150
200
250
300
350
400
450
0
2
4
6
8
10
12
14
16
18
20
Supply voltage VCC (V)
Cout=10nF
Cout=20nF
Cout=50nF
Figure 24. Operating supply current vs supply
voltage (operating frequency = 300 kHz)
GIPD180120161510MT
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
14
16
18
20
Supply voltage VCC (V)
Cout=10nF
Cout=20nF
Cout=50nF
Figure 25. Operating supply current vs supply
voltage (operating frequency = 500 kHz)
GIPD180120161511MT
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
14
16
18
20
Supply voltage VCC (V)
Cout=10nF
Cout=20nF
Cout=50nF
RHRPM4423
Typical characteristics
DS11827 - Rev 3
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com