Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40A45CHR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40A45CHR
Description  Rad-Hard 2 x 20 A - 45 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40A45CHR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40A45CHR Datasheet HTML 1Page - STMicroelectronics STPS40A45CHR Datasheet HTML 2Page - STMicroelectronics STPS40A45CHR Datasheet HTML 3Page - STMicroelectronics STPS40A45CHR Datasheet HTML 4Page - STMicroelectronics STPS40A45CHR Datasheet HTML 5Page - STMicroelectronics STPS40A45CHR Datasheet HTML 6Page - STMicroelectronics STPS40A45CHR Datasheet HTML 7Page - STMicroelectronics STPS40A45CHR Datasheet HTML 8Page - STMicroelectronics STPS40A45CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
1.1
Absolute maximum ratings
The absolute maximum ratings are limiting values at 25°C, per diode unless otherwise notified. Values provided in
Table 1 shall not be exceeded at any time during use or storage.
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IO(1)(2)
Average output rectified current
per diode
per package
20
40
A
IFSM(3)
Forward surge current
200
A
dV/dt(4)
Reverse voltage maximum rise rate
10
kV/µs
Top
Operating temperature range (case temperature)
-65 to +175
°C
Tj(5)
Maximum junction temperature
+175
°C
Tstg
Storage temperature range
-65 to +175
°C
Tsol(6)
Soldering temperature
+245
°C
ESD
Electrostatic discharge - Human Body Model
8
kV
1. Per diode: at Tcase > 109.4°C, derate linearly to 0 A at 175 °C; per device, at Tcase > 134.8 °C, derate linearly to 0 A at 175
°C.
2. Each diode of the pair can be used up to 40 A provided the total current complies with the 40 A absolute maximum rating of
the TO-254AA.
3. Sinusoidal pulse of 10ms duration.
4. Guaranteed by design, characterization and test at 25°C of 10 parts per wafer lot.
5. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
6. Duration 5 seconds maximum with at least 3 minutes between consecutive temperature peaks.
1.2
Thermal parameters
Table 2. Thermal parameters
Symbol
Parameter
Typ. value
Max. value
Unit
Rth(j-c) (1)
Thermal resistance, junction to case
Per diode
-
2.0
°C/W
Per package
-
1.5
1. When only 1 diode is used, the dissipation is made from a part of the die, hence to a higher thermal resistance.
STPS40A45CHR
Characteristics
DS13193 - Rev 1
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com