Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC10065DLF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC10065DLF
Description  650 V, 10 A power Schottky silicon carbide diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10065DLF Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC10065DLF Datasheet HTML 1Page - STMicroelectronics STPSC10065DLF Datasheet HTML 2Page - STMicroelectronics STPSC10065DLF Datasheet HTML 3Page - STMicroelectronics STPSC10065DLF Datasheet HTML 4Page - STMicroelectronics STPSC10065DLF Datasheet HTML 5Page - STMicroelectronics STPSC10065DLF Datasheet HTML 6Page - STMicroelectronics STPSC10065DLF Datasheet HTML 7Page - STMicroelectronics STPSC10065DLF Datasheet HTML 8Page - STMicroelectronics STPSC10065DLF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
Tj = -40 °C to + 175 °C
650
V
IF(RMS) Forward rms current
18
A
IF(AV)
Average forward current
Tc = 140 °C(1), DC
10
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal, Tc = 25 °C
tp = 10 ms sinusoidal, Tc = 125 °C
tp = 10 µs square, Tc = 25 °C
48
39
210
A
IFRM
Repetitive peak forward current
Tc = 140 °C(1) , Tj = 175 °C, δ = 0.1, fW > 10 kHz
44
A
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature range
-40 to +175
°C
1. Value based on Rth(j-c) max.
Table 2. Thermal resistance parameters
Symbol
Parameter
Typ. value
Max. value
Unit
Rth(j-c)
Junction to case
1.4
2.0
°C/W
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
7
130
µA
Tj = 150 °C
-
53
900
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 10 A
-
1.30
1.45
V
Tj = 150 °C
-
1.45
1.65
1. tp = 10 ms, δ < 2%
2. tp = 500 μs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.97 x IF(AV) + 0.068 x IF2(RMS)
For more information, please refer to the following application notes related to the power losses:
•
AN604 : Calculation of conduction losses in a power rectifier
•
AN4021 : Calculation of reverse losses on a power diode
STPSC10065DLF
Characteristics
DS13136 - Rev 2
page 2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com