Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20065DI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC20065DI
Description  650 V power Schottky silicon carbide diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20065DI Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC20065DI Datasheet HTML 1Page - STMicroelectronics STPSC20065DI Datasheet HTML 2Page - STMicroelectronics STPSC20065DI Datasheet HTML 3Page - STMicroelectronics STPSC20065DI Datasheet HTML 4Page - STMicroelectronics STPSC20065DI Datasheet HTML 5Page - STMicroelectronics STPSC20065DI Datasheet HTML 6Page - STMicroelectronics STPSC20065DI Datasheet HTML 7Page - STMicroelectronics STPSC20065DI Datasheet HTML 8Page - STMicroelectronics STPSC20065DI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
STPSC20065
2/13
DocID029246 Rev 2
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
650
V
IF(RMS)
Forward rms current
40
A
IF(AV)
Average forward
current
TO-220AC, DO-247
TC = 140 °C, DC current
20
A
TO-220AC Ins
TC = 85 °C, DC current
IFRM
Repetitive peak
forward current
TO-220AC, DO-247
TC = 140 °C, Tj = 175 °C,
δ = 0.1
87
A
TO-220AC Ins
TC = 85 °C, Tj = 175 °C,
δ = 0.1
83
IFSM
Surge non
repetitive
forward current
tp = 10 ms sinusoidal
TC = 25 °C
90
A
tp = 10 ms sinusoidal
TC = 125 °C
70
tp = 10 µs square
TC = 25 °C
400
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature range(1)
-40 to +175
°C
Notes:
(1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameters
Symbol
Parameter
Package
Value
Unit
Typ.
Max.
Rth(j-c)
Junction to case
TO-220AC
DO-247
0.60
0.90
°C/W
TO-220AC Ins
1.60
2.50
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
30
300
µA
Tj = 150 °C
-
280
2000
Tj = 25 °C
VR = 600 V
15
150
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 20 A
-
1.30
1.45
V
Tj = 150 °C
-
1.45
1.65
Tj = 175 °C
-
1.5
Notes:
(1)Pulse test: tp = 5 ms, δ < 2%
(2)Pulse test: tp = 500 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com