Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH12P10 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STRH12P10
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STRH12P10 Datasheet HTML 7Page - STMicroelectronics STRH12P10 Datasheet HTML 8Page - STMicroelectronics STRH12P10 Datasheet HTML 9Page - STMicroelectronics STRH12P10 Datasheet HTML 10Page - STMicroelectronics STRH12P10 Datasheet HTML 11Page - STMicroelectronics STRH12P10 Datasheet HTML 12Page - STMicroelectronics STRH12P10 Datasheet HTML 13Page - STMicroelectronics STRH12P10 Datasheet HTML 14Page - STMicroelectronics STRH12P10 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
7
Order codes
Table 8. Ordering information
Part number
Agency
specification
Screening
option
Radiation
level
Package Weight
Lead
finish
Marking(1)
Packing
STRH12P10GY1
Engineering
model
-
TO-257AA
5 g
Gold
STRH12P10GY1
+ BeO
Strip pack
STRH12P10GYG
5205/029/01
ESCC flight
100 krad
520502901R
+ BeO
STRH12P10GYT
5205/029/02
100 krad
Solder
dip
520502902R
+ BeO
1. Specific marking only. The full marking includes in addition: For the Engineering Models: ST logo, date code; country of
origin (FR). For ESCC flight parts: STlogo, date code, country of origin (FR), ESA logo, serial number of the part within the
assembly lot.
Contact ST sales office for information about the specific conditions for products in die form.
STRH12P10
Order codes
DS8699 - Rev 9
page 12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com