Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH12P10GYT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STRH12P10GYT
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10GYT Datasheet(HTML) 3 Page - STMicroelectronics

  STRH12P10GYT Datasheet HTML 1Page - STMicroelectronics STRH12P10GYT Datasheet HTML 2Page - STMicroelectronics STRH12P10GYT Datasheet HTML 3Page - STMicroelectronics STRH12P10GYT Datasheet HTML 4Page - STMicroelectronics STRH12P10GYT Datasheet HTML 5Page - STMicroelectronics STRH12P10GYT Datasheet HTML 6Page - STMicroelectronics STRH12P10GYT Datasheet HTML 7Page - STMicroelectronics STRH12P10GYT Datasheet HTML 8Page - STMicroelectronics STRH12P10GYT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Electrical characteristics
For the P-channel MOSFET polarity of voltages and current has to be reversed.
Table 4. Electrical characteristics (Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Max.
Unit
IDSS
Zero gate voltage drain current
80% V(BR)DSS
10
µA
IGSS
Gate body leakage current
VGS = 16 V
100
nA
VGS = -16 V
-100
VGS = 16 V, TC = 125 °C
200
VGS = -16 V, TC = 125 °C
-200
V(BR)DSS(1) Drain-to-source breakdown voltage VGS = 0 V, ID = 1 mA
100
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
2.0
4.5
V
VDS = VGS, ID = 1 mA, TC = 125 °C
1.6
3.8
VDS = VGS, ID = 1 mA, TC = -55 °C
2.2
5.2
RDS(on)
Static drain-source on resistance
VGS = 12 V, ID = 12 A
0.30
Ω
Ciss(2)
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
940
1410
pF
Coss (2)
Output capacitance
135
205
pF
Crss (2)
Reverse transfer capacitance
55
85
pF
Qg
Total gate charge
VDD = 50 V, ID = 12 A, VGS = 12 V
32
48
nC
Qgs
Gate-to-source charge
3.5
6.5
nC
Qgd
Gate-to-drain (“Miller”) charge
7
13
nC
td(on)
Turn-on delay time
VDD = 50 V, ID = 6 A, RG = 4.7 Ω, VGS = 12 V
5
15
ns
tr
Rise time
7
31
ns
td(off)
Turn-off delay time
18
50
ns
tf
Fall time
3.5
10.5
ns
VSD
Forward on voltage
ISD = 12 A, VGS = 0 V
1.5
V
ISD = 12 A, VGS = 0 V, TC = 125 °C
1.25
trr
Reverse recovery time
ISD = 6 A, di/dt = 50 A/µs, VDD = 50 V
178
310
ns
trr
Reverse recovery time
ISD = 6 A, di/dt = 50 A/µs, VDD = 50 V, TJ = 150 °C
225
400
ns
1. This rating is guaranteed at TJ ≤ 25 °C (see Figure 9. Normalized V(BR)DSS vs temperature).
2. Not tested, guaranteed by process.
STRH12P10
Electrical characteristics
DS8699 - Rev 9
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com