Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60200CSAG Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH60200CSAG
Description  Rad-Hard 60 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60200CSAG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTH60200CSAG Datasheet HTML 4Page - STMicroelectronics STTH60200CSAG Datasheet HTML 5Page - STMicroelectronics STTH60200CSAG Datasheet HTML 6Page - STMicroelectronics STTH60200CSAG Datasheet HTML 7Page - STMicroelectronics STTH60200CSAG Datasheet HTML 8Page - STMicroelectronics STTH60200CSAG Datasheet HTML 9Page - STMicroelectronics STTH60200CSAG Datasheet HTML 10Page - STMicroelectronics STTH60200CSAG Datasheet HTML 11Page - STMicroelectronics STTH60200CSAG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Table 6. SMD1 package mechanical data
Symbols
Dimansions (mm)
Min.
Typ.
Max.
A
3.3
3.61
A1
0.25
0.51
b
9.4
9.65
b1
10.41
10.67
b2
3.43
3.68
b3
3.86
4.11
D
15.75
16
D1
0.76
E
11.3
11.56
e
2.67 BSC
STTH60200CHR
SMD1 package information
DS12587 - Rev 2
page 8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com