Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60400SA1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH60400SA1
Description  Rad-Hard 60 A - 400 V fast recovery rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60400SA1 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH60400SA1 Datasheet HTML 1Page - STMicroelectronics STTH60400SA1 Datasheet HTML 2Page - STMicroelectronics STTH60400SA1 Datasheet HTML 3Page - STMicroelectronics STTH60400SA1 Datasheet HTML 4Page - STMicroelectronics STTH60400SA1 Datasheet HTML 5Page - STMicroelectronics STTH60400SA1 Datasheet HTML 6Page - STMicroelectronics STTH60400SA1 Datasheet HTML 7Page - STMicroelectronics STTH60400SA1 Datasheet HTML 8Page - STMicroelectronics STTH60400SA1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.4
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
P
(W)
F( AV )
T
δ=tp/T
tp
I
(
A)
F( AV )
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
Figure 2. Forward voltage drop versus forward current
(typical values)
0.1
0.0
1.0
10.0
100.0
1000.0
0.5
1.0
1.5
I
F
(A)
T
J=150°C
T
j = 25°C
VF (V)
T
J=150°C
T
j = 125°C
T
J=150°C
T
j = -55°C
Figure 3. Forward voltage drop versus forward current
(maximum values)
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
I
F
(A)
T
J=150°C
T
j = 25°C
VF (V)
T
J=150°C
T
j = 125°C
T
J=150°C
T
j = -55°C
Figure 4. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z
/R
th (j-c)
t h(j-c)
t ( s )
p
Single pulse
Figure 5. Peak reverse recovery current versus dIF/dt
(typical values)
0
10
20
30
40
50
0
100
200
300
400
500
IRM(A)
dI /dt(A/µs)
F
VR = 320 V
Tj = 125°C
IF = IF(AV)
Figure 6. Reverse recovery time versus dIF/dt (typical
values)
0
50
100
150
200
250
300
0
100
200
300
400
500
dIF /dt(A/µs)
tRR(ns)
VR = 320 V
Tj = 125°C
IF = IF(AV)
STTH60400HR
Characteristics (curves)
DS11815 - Rev 3
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com