Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC40 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # IRC40
Description  Proximity inductive sensors with rectangular housing and 5 positions rotatable head
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

IRC40 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  IRC40 Datasheet HTML 1Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 2Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 3Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 4Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 5Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 6Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 7Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 8Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Carlo Gavazzi Automation
IRC40
IRC40_4-wire_DC_DS_EN
04/07/2022
Main functions
• Easy and quick mounting or replacement without the need of additional tools thanks to the plug-and-play mounting
system
• Rotating sensor head in 5 different positions allows maximum flexibility in all applications
• Reliable and accurate detection in the whole extended temperature range, thanks to the integrated advanced
microprocessor based electronics
• Safer installation thanks to the long sensing range up to 40 mm
• Reliable switching performance even in harsh environments with low and high temperature, and enclosure rating IP68
and IP69K
• Sensor switching and operating status can be clearly seen from any directions thanks to the 4 corner LEDs
• Integrated diagnostic functions with flashing LEDs in the event of short-circuit or overload
References
Order code
IRC40S
M1
Enter the code option instead of
Code
Option Description
I
-
Inductive sensor
R
-
Rectangular housing
C
-
Plastic housing
40S
-
40x40 mm
F22
Flush; Sensing distance: 22mm
N40
Non-flush; Sensing distance: 40mm
M1
-
M12 plug
NA
NPN, 1NO+1NC output
PA
PNP, 1NO+1NC output
Additional characters can be used for customized versions.
Selection guide
Detection prin-
ciple
Rated operating
distance Sn
Output type
Ordering no.
Flush
22 mm
NPN, 1NO + 1NC
IRC40SF22M1NA
PNP, 1NO + 1NC
IRC40SF22M1PA
Non-flush
40 mm
NPN, 1NO + 1NC
IRC40SN40M1NA
PNP, 1NO + 1NC
IRC40SN40M1PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com