Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD2-TC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # WLSD2-TC
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TC Datasheet(HTML) 1 Page - Omron Electronics LLC

  WLSD2-TC Datasheet HTML 1Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 2Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 3Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 4Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 5Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 6Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 7Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 8Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WL-N/WLM-N
Select the Best Two-circuit Switch for the
Operating Environment and Application
from a Wide Range of Models
• A wide selection of models is available, including
General-purpose, Environment-resistant, and Spatter-
prevention Switches.
• Standard-feature gold-clad crossbar contacts provide
high reliability.
Appllicable to either standard loads or microloads.
• Switches with Lever Actuators provide 90
° overtravel,
one-side operation, and four-direction head mounting.
• Approved standards: EN/IEC, UL, cUL, and CCC.
Contact your OMRON representative for information on
approved models.
Be sure to read Safety Precautions on page 44 to 48 and
Safety Precautions for All Limit Switches.
Features
Many Variations in Standard Limit Switches
A Wide Range of Models
The series includes includes many different actuators that you select
to match the workpiece shape and motion, and a wide range of Switch
variations, such as models with operation indicators for easier
working and maintenance and models with different types of
connectors.
Select from Six Types of Environment Resistance
The series includes Airtight Switches, Hermetic Switches, Heat-
resistant Switches, Low-temperature Switches, Corrosion-proof
switches, and Weather-proof Switches. You can select the model
based on the onsite environment.
Excellent Performance on Arc Welding Lines or Sites with
Spattering Cutting Powder
Ideal for Welding Sites
These Switches use stainless steel or resin to prevent the adhesion
of spatter.
They can be used to reduce problems caused by zinc power
generated during welding.
Mechanical Endurance of 30 Million Operations
Long-life Models for High-frequency Applications
A mechanical durability of 30 million operations minimum is provided.
The head features a double-seal structure with a head cap and oil
seal.
DPDB Operation
The double-pole, double-break structure ensures circuit braking.
Degree of Protection; IP67
Approved Standards to Aid Export Machines
The Switches are certified for EN/IEC, UL, cUL, and CCC making
them ideal for export machines.
Applicable to Either Standard Loads or Microloads
Standard-feature gold-clad contacts provide high reliability.
The use of a high-contact-pressure crossbar structure also increases
reliability.
Easy to Work With
Downsizing of the built-in switch has increased the space to house the
wiring.
The insulating paper that was often in the way when wiring has been
eliminated.
Nickle-plated steel screws are used for the terminal screws.
The screws adhere to magnetized screwdrivers to prevent dropping and
loosing them.
Models with Connectors to Reduce Wiring
A neon lamp or LED indicates the operating status.
The 3D structure of the lamp cover disperses light so you can check
the operating status from the side.
Standard Switches
Environment-resistant Switches
Spatter-prevention Switches
Long-life Switches
Features Common to All Switches
Load
Load
13(NO)
Za
11(NC)
(NO)14
11
12
13
14
(NC)12


Similar Part No. - WLSD2-TC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLSD2 OMRON-WLSD2 Datasheet
2Mb / 42P
Two-circuit Limit Switch
WLSD2 OMRON-WLSD2 Datasheet
2Mb / 42P
Two-circuit Limit Switch
More results

Similar Description - WLSD2-TC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLCA2 OMRON-WLCA2 Datasheet
2Mb / 42P
Two-circuit Limit Switch
WL-01CA2-55LDK13A OMRON-WL-01CA2-55LDK13A Datasheet
2Mb / 42P
Two-circuit Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
Limit switch box
7/20/22
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
logo
Guangdong Youtai Semico...
SGM3157 UMW-SGM3157 Datasheet
829Kb / 9P
Two-choice analog switch circuit
SN74LVC1G3157 UMW-SN74LVC1G3157 Datasheet
845Kb / 9P
Two-choice analog switch circuit
ET3157 UMW-ET3157 Datasheet
791Kb / 9P
Two-choice analog switch circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com