Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L32SS05FS Datasheet(PDF) 1 Page - TAMURA Corporation.

Part # L32SS05FS
Description  Magnetic Proportion System / Through Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAMURA [TAMURA Corporation.]
Direct Link  https://www.tamuracorp.com/
Logo TAMURA - TAMURA Corporation.

L32SS05FS Datasheet(HTML) 1 Page - TAMURA Corporation.

  L32SS05FS Datasheet HTML 1Page - TAMURA Corporation. L32SS05FS Datasheet HTML 2Page - TAMURA Corporation. L32SS05FS Datasheet HTML 3Page - TAMURA Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L31S S05FS SERIES
Magnetic Proportion System / Through Type
Current direction
4 3 2 1
Terminal No.
20.5
40
Lot No.
18
11
R5.5
38.8
Connector
φ2(BOSS)
φ4.5(HOLE)
φ4.5
φ2.5
Recommended PCB holes
DIMENSIONS (mm)
SPECIFICATIONS
Ta=25℃, RL=10kΩ, Vcc=+5.0V
Types
Spec
Symbol L31S050S05FS L31S100S05FS L31S200S05FS L31S300S05FS L31S400S05FS L31S500S05FS L31S600S05FS
Primary norminal current
If
50A
100A
200A
300A
400A
500A
600A
Saturation current
If max
≧ ± 150A
≧ ± 300A
≧ ± 600A
≧ ± 900A
≧ ± 900A
≧ ± 900A
≧ ± 900A
Reference Voltage
Vref
+ 2.495V ± 0.020V*1(at Rref ≥ 1MΩ. Ouput impedance : typ 200Ω)
Rated output voltage
Vo
Vof + 0.625V ± 0.015V(at If)
Offset voltage
Vof
Vref ± 0.025V(at If=0A)*2
Output linearity(0A ~ If)
εL
± 0.5%(at 0A,1/2If,If)
Power supply voltage
Vcc
+5V±5%
Consumption current
Icc
≦ 20mA
di/dt Response time
tr
≦ 5µs(at di/dt=100A/µs)
Reference Temperature Characteristic
TcVref
≦ ± 0.012%/ºC
Thermal drift of gain
TcVO
≦ ± 1.5mV/℃(Without TcVof)
Thermal drift of offset(at If=0A)
TcVof
≦ ± 1.0mV/℃
≦ ± 0.3mV/℃
Hysteresis error(at 0A → If → 0A)
VOH
≦± 10mV
≦± 2.5mV
Insulation voltage
Vd
AC3300V for 1 minute(Sensing current 0.5mA)Primary ⇔ Secondary
Insulation resistance
RIS
≧ 500MΩ(at DC500V)Primary ⇔ Secondary
Ambient Operating temperature
TA
ー 40 ~+ 85℃
Ambient storage temperature
TS
ー 40 ~+ 85℃
*1
It is possible to change Vof with an external reference voltage(between 1.5V - 2.8V providing its ability to sink or source approximately 5 mA.). If the external reference
voltag is not used, the Vref pin should be left unconnected. *2 Offset voltage value is after removal of core hysteresis. *Please refer to the another sheet about conditions of UL
Recognition. *Anti-Sulfurated(Used resistors : Gold internal Electrodes)*Ferrite core is used.
Types
Connector
Manufacturer Part Number Old Part Number Plating of terminal
L31SxxxS05FS
Standard
Molex
22-04-1041
5045-04A
Sn
L31SxxxS05FS-A Build to Order
22-11-1041 5045-04AG
Gold
As for the product of a gold-plated connector,‘-A’attaches to the end of the product name.
RoHS
Anti-
Sulfurated
Terminal number
1 Vref (IN/OUT)
2 Vout
3 GND
4 +Vcc (+5V)
Note
1. Unless otherwise specified,
  tolerances shall be ±0.5mm
2. Unit is [mm]
Weight
38g
CURRENT SENSORS
L31S S05FS 1/1
2 2001
86


Similar Part No. - L32SS05FS

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
L320 NPM-L320 Datasheet
901Kb / 5P
Linear Shaft Motor
L320D NPM-L320D Datasheet
901Kb / 5P
Linear Shaft Motor
L320D-1S NPM-L320D-1S Datasheet
901Kb / 5P
Linear Shaft Motor
logo
Advanced Micro Devices
L320DB12VC AMD-L320DB12VC Datasheet
1Mb / 57P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
L320DB12VD AMD-L320DB12VD Datasheet
1Mb / 57P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - L32SS05FS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ211R8ARU PANASONIC-LNJ211R8ARU Datasheet
30Kb / 1P
Through-The-Board Type
logo
Sanyo Semicon Device
LA2211 SANYO-LA2211 Datasheet
297Kb / 10P
ARI System-SK Type
logo
List of Unclassifed Man...
MPF3230RSAI ETC2-MPF3230RSAI Datasheet
432Kb / 5P
Photoelectrics Through-beam System, Relay Output
logo
CITIZEN ELECTRONICS CO....
CB-12AP CITIZEN-CB-12AP Datasheet
451Kb / 2P
Small Magnetic Type Buzzer
logo
Vicor Corporation
18392 VICOR-18392 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
OPLINK Communications I...
MVOAT OPLINK-MVOAT Datasheet
202Kb / 2P
Attenuator Through Type
logo
Copal Electronics
RMS20 COPAL-RMS20 Datasheet
78Kb / 3P
MANUAL SETTING TYPE MAGNETIC ENCODERS
logo
TAMURA Corporation.
L01Z TAMURA-L01Z Datasheet
186Kb / 3P
Magnetic Proportion System / Through Type
L40SD15 TAMURA-L40SD15 Datasheet
409Kb / 6P
Magnetic Proportion System / Through Type
LA17P-S05 TAMURA-LA17P-S05 Datasheet
661Kb / 7P
Magnetic Proportion System / Non ratiometric output, Vref-OUT/IN mode, Ta=105℃ Operating,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com