Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKSW Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSW
Description  1.6mm width contributes to thinner devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSW Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKSW Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSW Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSW Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221
検
 
出
1.6mm width contributes to thinner devices
2.6×1.6mm Compact Type with Projection (Surface Mount Type)
SKTA
Minimum order unit(pcs.)
Operating direction
Top push
Japan
Export
■ Product Line
Operating force
1.0N
1.6N
Operating life
(5mA 5V DC)
300,000 cycles
20,000
20,000
■ Dimensions
Unit:mm
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
■ Packing Specifications
Taping
Reel size
Unit:mm
Product No.
SKTAACE010
SKTAAAE010
■ Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ max.
Travel(mm)
0.11
Protective structure ※
IP67 equivalent
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan
1 case / export packing
20,000
200,000
200,000
12
395×395×205
■ Circuit Diagram
※ Assumes the switch is left alone without being operated. Under the
specified conditions, dust and water ingress with a significant impact on
the switch's on-off function is prevented.
IP67 dust and water resistance is guaranteed for the switch alone
and performance may not be guaranteed depending on the mounting
conditions and usage.
NEW
For reels of 330mm diameter, please inquire.
Note
Refer to P.265 for soldering conditions.
2
1
3
4
2.6
3
1
2
4
3
3.2
2.1
2
1
3
4
2.6
3
1
2
4
3
3.2
2.1
2
1
3
4
2.6
3
1
2
4
3
3.2
2.1


Similar Part No. - SKSW

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSW ALPS-SKSW Datasheet
774Kb / 3P
Compact type with height of 0.6mm contributing to thinner product designs
SKSWCEE010 ALPS-SKSWCEE010 Datasheet
774Kb / 3P
Compact type with height of 0.6mm contributing to thinner product designs
SKSWCFE010 ALPS-SKSWCFE010 Datasheet
774Kb / 3P
Compact type with height of 0.6mm contributing to thinner product designs
SKSWCGE010 ALPS-SKSWCGE010 Datasheet
774Kb / 3P
Compact type with height of 0.6mm contributing to thinner product designs
SKSWD ALPS-SKSWD Datasheet
200Kb / 1P
TACT Switch Compact Water proof Type
More results

Similar Description - SKSW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE510124 PANASONIC-AXE510124 Datasheet
321Kb / 6P
The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
logo
Omron Electronics LLC
E39-RSB OMRON-E39-RSB Datasheet
2Mb / 21P
Photoelectric Sensor with Built-in Amplifier Contributes to Equipment Downsizing
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL_15 Datasheet
743Kb / 3P
Low-profile 6.4mm height contributes to flexibility in set design
SKSV ALPS-SKSV Datasheet
837Kb / 3P
Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
logo
Micrel Semiconductor
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
logo
STANLEY ELECTRIC CO.,LT...
JSB1117ASE-TR STANLEY-JSB1117ASE-TR Datasheet
714Kb / 24P
Thinner package, Blue color emitting LED
JSG1117ASE-TR STANLEY-JSG1117ASE-TR Datasheet
715Kb / 24P
Thinner package, Green color emitting LED
STW1147ASE-TR STANLEY-STW1147ASE-TR Datasheet
853Kb / 25P
Thinner package, White color emitting LED
JUA1117AS-TR STANLEY-JUA1117AS-TR Datasheet
734Kb / 24P
Thinner package, Orange color emitting LED
logo
Hirose Electric
FI HIROSE-FI_10 Datasheet
1Mb / 7P
1.27 mm contact pitch contributes to downsizing of electrical devices.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com