Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA3000XP-TG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-TG
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-TG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSA3000XP-TG Datasheet HTML 1Page - List of Unclassifed Manufacturers SSA3000XP-TG Datasheet HTML 2Page - List of Unclassifed Manufacturers SSA3000XP-TG Datasheet HTML 3Page - List of Unclassifed Manufacturers SSA3000XP-TG Datasheet HTML 4Page - List of Unclassifed Manufacturers SSA3000XP-TG Datasheet HTML 5Page - List of Unclassifed Manufacturers SSA3000XP-TG Datasheet HTML 6Page - List of Unclassifed Manufacturers SSA3000XP-TG Datasheet HTML 7Page - List of Unclassifed Manufacturers SSA3000XP-TG Datasheet HTML 8Page - List of Unclassifed Manufacturers SSA3000XP-TG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SSA3000X Plus Analyzer DataSheet
1
General Description
The SIGLENT SSA3000X Plus series spectrum analyzers are powerful and flexible tools for RF spectrum
and signal analysis. With a frequency range to 7.5 GHz, the analyzer delivers reliable automatic
measurements and multiple modes of operation: spectrum analyzer the base, optional functions include
RF power measurement, vector signal modulation analysis, reflection measurement, and EMI
measurement.
Applications include broadcast monitoring/evaluation, site surveying, S-parameter measurement,
analog/digital modulation analysis, EMI pre-compliance test, research and development, education,
production, and maintenance.
Features and Benefits
Spectrum Analyzer Frequency Range from 9 kHz up to 7.5 GHz
-165 dBm/Hz Displayed Average Noise Level (Typ.)
-98 dBc/Hz.@10 kHz Offset Phase Noise (1 GHz, Typ.)
Level Measurement Uncertainty < 0.7 dB (Typ.)
1 Hz Minimum Resolution Bandwidth (RBW)
Preamplifier Standard
Tracking Generator
Analog and Digital Signal Modulation Analysis Mode (Opt.)
Reflection Measurement Kit (Opt.)
EMI Measurement Mode (Opt.)
Advanced Measurement Kit (Opt.)
10.1 inch Multi-Touch Screen, Mouse and Keyboard supported
Web Browser Remote Control on PC and Mobile Terminals and File Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com