Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA3000XP-AMK Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-AMK
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-AMK Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SSA3000XP-AMK Datasheet HTML 11Page - List of Unclassifed Manufacturers SSA3000XP-AMK Datasheet HTML 12Page - List of Unclassifed Manufacturers SSA3000XP-AMK Datasheet HTML 13Page - List of Unclassifed Manufacturers SSA3000XP-AMK Datasheet HTML 14Page - List of Unclassifed Manufacturers SSA3000XP-AMK Datasheet HTML 15Page - List of Unclassifed Manufacturers SSA3000XP-AMK Datasheet HTML 16Page - List of Unclassifed Manufacturers SSA3000XP-AMK Datasheet HTML 17Page - List of Unclassifed Manufacturers SSA3000XP-AMK Datasheet HTML 18Page - List of Unclassifed Manufacturers SSA3000XP-AMK Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SSA3000X Plus Analyzer DataSheet
13
Modulation Analyzer Mode
Common Parameter
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
Frequency Range
2 MHz ~ 1.5 GHz 2 MHz ~ 2.1 GHz
2 MHz ~ 3.2 GHz 2 MHz ~ 7.5 GHz
Carrier Power Accuracy
± 2 dB (nom.)
Carrier Power Range
-30 dBm to +20 dBm (nom.)
Recording
Data Packing
I = Q = 4 Byte
Memory
60 MByte
Length (IQ pairs)
7.5 MSample (60MB/8B)
Length (Time units)
Samples / (Span x 1.25)
PC Software
Analysis and Playback in Easy VSA Software
Playback
Easy VSA, Easy IQ or SSG5000X signal generator
Analog Modulation Analysis
AM
Modulation rate range
20 Hz to 100 kHz
Accuracy
1 Hz (nom.)
Modulation rate < 1 kHz
< 0.1% modulation rate (nom.)
Modulation rate ≥ 1 kHz
Modulation depth range
5% to 95%
Accuracy
± 4% (nom.)
FM
Modulation rate range
20 Hz to 200 kHz
Accuracy
1 Hz (nom.)
Modulation rate < 1 kHz
< 0.1% modulation rate (nom.)
Modulation rate ≥ 1 kHz
Frequency deviation
1 kHz to 400 kHz
Accuracy
± 4% (nom.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com