Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA3000XP-EMI Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-EMI
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-EMI Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSA3000XP-EMI Datasheet HTML 9Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 10Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 11Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 12Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 13Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 14Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 15Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 16Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SSA3000X Plus Analyzer DataSheet
11
Frequency Response
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
20 °C to 30 °C, 30% to 70% relative humidity, att = 20 dB, relative to fc = 50 MHz
Preamp off
± 0.8 dB, ± 0.4 dB (typ.)
Preamp on
± 1.2 dB, ± 0.6 dB (typ.)
Error and Accuracy
Resolution bandwidth
switching uncertainty
Logarithmic resolution, relative to RBW = 10 kHz
± 0.2 dB (nom.)
Input attenuation
switching uncertainty
20 °C to 30 °C, fc = 50 MHz, preamp off, relative to att = 20 dB
± 0.5 dB
Absolute amplitude
accuracy
20 °C to 30 °C, fc = 50 MHz, RBW = VBW = 1 kHz, att = 20 dB, peak detector,
95% reliability
± 0.4 dB, input signal -20 dBm, Preamp off
± 0.6 dB, input signal -40 dBm, Preamp on
Total amplitude
accuracy
20 °C to 30 °C, fc>100 kHz, input signal -50 dBm ~ 0 dBm, att = 20 dB,
RBW=VBW=1 kHz, peak detector, preamp off, 95% reliability
±
1.2 dB
±
0.7 dB
RF input VSWR
Att = 10 dB, fc≥1 MHz
Att = 20 dB, fc≥1 MHz
<1.5 (nom.)
<1.5 (nom.)
Distortion and Spurious Responses
Second harmonic
distortion (SHI)
20 °C to 30 °C, fc ≥ 50 MHz, mixer level -20 dBm, att = 0 dB, preamp off
-65 dBc / +45 dBm (nom.)
Third-order intercept
(TOI)
20 °C to 30 °C, fc ≥ 50 MHz, two -20 dBm tones spaced by 100 kHz, att = 0 dB,
preamp off
+10 dBm (typ.)
+14 dBm (typ.)
1dB gain compression
20 °C to 30 °C, fc ≥ 50 MHz, att = 0 dB, preamp off
> -5 dBm (nom.)
> 0 dBm (nom.)
Residual response
20 °C to 30 °C, input terminated = 50 Ω, att = 0 dB
< -90 dBm
Input related spurious
20 °C to 30 °C, mixer level = -30 dBm
<-65 dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com