Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF401 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT86RF401
Description  Smart RF Wireless Data Microtransmitter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF401 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT86RF401 Datasheet HTML 1Page - ATMEL Corporation AT86RF401 Datasheet HTML 2Page - ATMEL Corporation AT86RF401 Datasheet HTML 3Page - ATMEL Corporation AT86RF401 Datasheet HTML 4Page - ATMEL Corporation AT86RF401 Datasheet HTML 5Page - ATMEL Corporation AT86RF401 Datasheet HTML 6Page - ATMEL Corporation AT86RF401 Datasheet HTML 7Page - ATMEL Corporation AT86RF401 Datasheet HTML 8Page - ATMEL Corporation AT86RF401 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
AT86RF401
1424F–RKE–12/03
In-system programmable, nonvolatile Flash program memory and EEPROM data stor-
age make possible rapid time-to-market and lower inventory costs.
In-system programmable, nonvolatile Flash program memory and EEPROM data stor-
age m ake possible rapid tim e-to-market and lower inventory costs.In-system
programmable, nonvolatile Flash program memory and EEPROM data storage make
possible rapid time-to-market and lower inventory costs.Static current consumption is
kept to a minimum with an ultra-low current shutdown mode. Normal operation resumes
when a button is pressed. This activates the crystal oscillator circuit that serves as the
clock for the AVR microcontroller.
The RF carrier is synthesized utilizing an on-board Voltage Controlled Oscillator (VCO).
Optimal tuning of the VCO is maintained over component tolerance through the use of a
software-controlled switched capacitor array. Its accuracy is maintained with a PLL
detector that compares the crystal oscillator to a frequency-scaled version (divided by
24) of the RF carrier. The resulting error signal adjusts the VCO to produce a very stable
RF carrier.
An interrupt-based bit-timer structure, integral to the AVR microcontroller, simplifies the
implementation of user-specific, data-bit encoding routines, such as PWM or Manches-
ter, for modulating the RF carrier. Thirty-six dB of RF power output control is available to
the user in 1 dB steps and is addressable in software. The RF signal output is placed dif-
ferentially on a tuned-loop antenna, which may be realized as a counterspread copper
trace on a PCB.
The AT86RF401 is fabricated in Atmel’s 0.6 µm Mixed Signal CMOS + EEPROM pro-
cess, enabling true system-level integration (SLI).
Figure 2. 20-lead TSSOP
1
2
3
4
5
6
7
8
9
10
ANTB
LOOPFIL
L1
L2
RESETB
N/C
I/O0 (SDI)
I/O1 (SDO)
I/O2 (SCK)
XTAL/CLK
20
19
18
17
16
15
14
13
12
11
ANT
N/C
AVDD
DVDD
AGND
DGND
I/O5
I/O4
I/O3
XTALB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com