Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4879IBP Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4879IBP
Description  1.1 Watt Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4879IBP Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4879IBP Datasheet HTML 6Page - National Semiconductor (TI) LM4879IBP Datasheet HTML 7Page - National Semiconductor (TI) LM4879IBP Datasheet HTML 8Page - National Semiconductor (TI) LM4879IBP Datasheet HTML 9Page - National Semiconductor (TI) LM4879IBP Datasheet HTML 10Page - National Semiconductor (TI) LM4879IBP Datasheet HTML 11Page - National Semiconductor (TI) LM4879IBP Datasheet HTML 12Page - National Semiconductor (TI) LM4879IBP Datasheet HTML 13Page - National Semiconductor (TI) LM4879IBP Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical Performance Characteristics (Continued)
Power Derating - LLP
P
DMAX = 670mV
V
DD = 5V, RL =8
Output Power
vs Supply Voltage
200243B4
20024351
Output Power
vs Supply Voltage
Output Power
vs Load Resistance
20024350
20024374
Clipping (Dropout) Voltage
vs Supply Voltage
Supply Current
Shutdown Voltage
20024352
20024375
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com