Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5034 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5034 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM5034 Datasheet HTML 17Page - National Semiconductor (TI) LM5034 Datasheet HTML 18Page - National Semiconductor (TI) LM5034 Datasheet HTML 19Page - National Semiconductor (TI) LM5034 Datasheet HTML 20Page - National Semiconductor (TI) LM5034 Datasheet HTML 21Page - National Semiconductor (TI) LM5034 Datasheet HTML 22Page - National Semiconductor (TI) LM5034 Datasheet HTML 23Page - National Semiconductor (TI) LM5034 Datasheet HTML 24Page - National Semiconductor (TI) LM5034 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Applications Information (Continued)
VCC1, VCC2
The capacitors at each VCC pin provide not only regulator
noise filtering and stability, but also prevents VCC from
dropping to the lower under-voltage threshold level (UVT =
6.2V) when the output drivers source current surges to the
external MOSFET gates. Additionally, the capacitors provide
a necessary time delay during startup. The time delay allows
the internal circuitry of the LM5034 and associated external
circuitry to stabilize before V
CC reaches the upper UVT
threshold level (7.6V), at which time the outputs are enabled
and the soft-start sequence begins. V
CC is nominally regu-
lated at 7.7V. The delay to the UVT level (Figure 3)is
calculated from the following:
where C1 and C2 are the capacitors at VCC1 and VCC2,
and I
CC(Lim) is the VCC regulator’s current limit. If the capaci-
tors are 0.1 µF each, the nominal I
CC(Lim) of 22 mA provides
a delay of approximately 69 µs. The V
CC capacitor values
should range between 0.1 µF and 25 µF, and they should be
the same value. Experimentation with the final design may
be necessary to determine the optimum value for the V
CC
capacitors.
The average V
CC regulator current required to drive the
external MOSFETs is a function of the MOSFET gate capaci-
tance and the switching frequency (see Figure 6). To ensure
VCC does not droop below the lower UVT threshold, an
external supply should be diode connected to both VCC pins
to provide the required current, as shown in Figure 29. The
applied V
CC voltage must be between 8V and 15V. Providing
the V
CC voltage higher than the 7.7V regulation level with an
external supply shuts off the internal regulator, reducing
power dissipation within the IC. Internally there is a diode
from the V
CC regulator output to VIN. Typically the applied
voltage is derived from an auxiliary winding on the power
transformer, or on the output inductor.
OSCILLATOR, SYNC INPUT
The oscillator frequency is generally selected in conjunction
with the system magnetic components, and any other as-
pects of the system which may be affected by the frequency.
The R
T resistor at the RT/SYNC pin sets the frequency
according to Equation 1. Each output (OUT1 and OUT2)
switches at one-half the oscillator frequency. If the required
frequency tolerance is critical in a particular application, the
tolerance of the external resistor and the frequency toler-
ance specified in the Electrical Characteristics table must be
considered when selecting the R
T resistor.
If the LM5034 is to be synchronized to an external clock, that
signal must be coupled into the RT/SYNC pin through a 100
pF capacitor. The external synchronizing frequency must be
at least 4% higher than the free running frequency set by the
R
T resistor and no higher than twice the free running fre-
quency. The RT/SYNC pin voltage is nominally regulated at
2.0V and the external pulse amplitude should lift the pin to
between 3.8V and 5.0V on the low-to-high transition. The
synchronization pulse width should be between 15 and 150
ns. The R
T resistor is always required, whether the oscillator
is free running or externally synchronized.
VOLTAGE FEEDBACK, COMP1, COMP2
Each COMP pin is designed to accept a voltage feedback
signal from the respective regulated output via an error
amplifier and (typically) an opto-coupler. A typical configura-
tion is shown in Figure 19.V
OUT is compared to a reference
by the error amplifier which has an appropriate frequency
compensation network. The amplifier’s output drives the
opto-coupler, which in turn drives the COMP pin.
When the LM5034’s two controller channels are configured
to provide a single high current output, COMP1 and COMP2
are typically connected together, and to the feedback signal
from the optocoupler.
CURRENT SENSE, CS1, CS2
Each CS pin receives an input signal representative of its
transformer’s primary current, either from a current sense
transformer or from a resistor in series with the source of the
primary switch, as shown in Figure 30 and Figure 31. In both
cases the sensed current creates a ramping voltage across
R1, and the R
F/CF filter suppresses noise and transients.
R1, R
F and CF should be as physically close to the LM5034
as possible, and the ground connection from the current
sense transformer, or R1, should be a dedicated track to the
appropriate GND pin. The current sense components must
provide >0.5V at the CS pin when an over-current condition
exists.
20136829
FIGURE 28. Shutdown Control
20136830
FIGURE 29. External Power to V
CC
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com