Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4901MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4901MM
Description  1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4901MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4901MM Datasheet HTML 1Page - National Semiconductor (TI) LM4901MM Datasheet HTML 2Page - National Semiconductor (TI) LM4901MM Datasheet HTML 3Page - National Semiconductor (TI) LM4901MM Datasheet HTML 4Page - National Semiconductor (TI) LM4901MM Datasheet HTML 5Page - National Semiconductor (TI) LM4901MM Datasheet HTML 6Page - National Semiconductor (TI) LM4901MM Datasheet HTML 7Page - National Semiconductor (TI) LM4901MM Datasheet HTML 8Page - National Semiconductor (TI) LM4901MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM4901
1.6 Watt Audio Power Amplifier with Selectable
Shutdown Logic Level
General Description
The LM4901 is an audio power amplifier primarily designed
for demanding applications in mobile phones and other por-
table communication device applications. It is capable of
delivering 1 watt of continuous average power to an 8
Ω BTL
load and 1.6 watts of continuous avearge power to a 4
Ω BTL
load with less than 1% distortion (THD+N) from a 5V
DC
power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4901 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4901 features a low-power consumption shutdown
mode. To facilitate this, Shutdown may be enabled by either
logic high or low depending on mode selection. Driving the
shutdown mode pin either high or low enables the shutdown
pin to be driven in a likewise manner to enable shutdown.
The LM4901 contains advanced pop & click circuitry which
eliminates noise which would otherwise occur during turn-on
and turn-off transitions.
The LM4901 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
j Improved PSRR at 217Hz & 1KHz
62dB
j Power Output at 5.0V, 1% THD, 4
Ω
1.6W (typ)
j Power Output at 5.0V, 1% THD, 8
Ω
1.07W (typ)
j Power Output at 3.0V, 1% THD, 4
Ω
525mW (typ)
j Power Output at 3.0V, 1% THD, 8
Ω
390mW (typ)
j Shutdown Current
0.1µA (typ)
Features
n
Available in space-saving packages: LLP, micro SMD,
and MSOP
n
Ultra low current shutdown mode
n
BTL output can drive capacitive loads
n
Improved pop & click circuitry eliminates noise during
turn-on and turn-off transitions
n
2.0 - 5.5V operation
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
n
Unity-gain stable
n
External gain configuration capability
n
User selectable shutdown High or Low logic Level
Applications
n
Mobile Phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20019801
FIGURE 1. Typical Audio Amplifier Application Circuit
December 2002
© 2002 National Semiconductor Corporation
DS200198
www.national.com


Similar Part No. - LM4901MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4901MMX/NOPB TI-LM4901MMX/NOPB Datasheet
1Mb / 25P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
More results

Similar Description - LM4901MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
MOSA ELECTRONICS
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
Texas Instruments
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com