Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4901LD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4901LD
Description  1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4901LD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4901LD Datasheet HTML 1Page - National Semiconductor (TI) LM4901LD Datasheet HTML 2Page - National Semiconductor (TI) LM4901LD Datasheet HTML 3Page - National Semiconductor (TI) LM4901LD Datasheet HTML 4Page - National Semiconductor (TI) LM4901LD Datasheet HTML 5Page - National Semiconductor (TI) LM4901LD Datasheet HTML 6Page - National Semiconductor (TI) LM4901LD Datasheet HTML 7Page - National Semiconductor (TI) LM4901LD Datasheet HTML 8Page - National Semiconductor (TI) LM4901LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Electrical Characteristics V
DD = 2.6V (Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A =
25˚C. (Continued)
Note 12: All bumps have the same thermal resistance and contribute equally when used to lower thermal resistance. The LM4901IBL demo board (views featured
in the Application Information section) has two inner layers, one for VDD and one for GND. The planes each measure 611mils x 661mils (15.52mm x 16.79mm)
and aid in spreading heat due to power dissipation within the IC.
Note 13: Maximum power dissipation in the device (PDMAX) occurs at an output power level significantly below full output power. PDMAX can be calculated using
Equation 1 shown in the Application Information section. It may also be obtained from the power dissipation graphs.
Note 14: The Exposed-DAP of the LDA10B package should be electrically connected to GND or an electrically isolated copper area. the LM4901LD demo board
(views featured in the Application Information section) has the Exposed-DAP connected to GND with a PCB area of 86.7mils x 585mils (2.02mm x 14.86mm) on
the copper top layer and 550mils x 710mils (13.97mm x 18.03mm) on the copper bottom layer.
Note 15: The thermal performance of the LLP package (LM4901LD) when used with the exposed-DAP connected to a thermal plane is sufficient for driving 4
Ω
loads. The LM4901LD demo board (views featured in the Application Information section) can drive 4
Ω loads at the maximum power dissipation point (1.267W)
without thermal shutdown circuitry being activated. The other available packages (MSOP & micro SMD) do not have the thermal performance necessary for driving
4
Ω loads with a 5V supply and are not recommended for this application.
External Components Description
(Figure 1)
Components
Functional Description
1.
R
i
Inverting input resistance which sets the closed-loop gain in conjunction with R
f. This resistor also forms a
high pass filter with C
i at fC= 1/(2
π R
iCi).
2.
C
i
Input coupling capacitor which blocks the DC voltage at the amplifiers input terminals. Also creates a
highpass filter with R
i at fc = 1/(2
π R
iCi). Refer to the section, Proper Selection of External Components,
for an explanation of how to determine the value of C
i.
3.
R
f
Feedback resistance which sets the closed-loop gain in conjunction with R
i.
4.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
5.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of C
B.
Typical Performance Characteristics
THD+N vs Frequency
at V
DD = 5V, 8
Ω R
L, and PWR = 500mW
THD+N vs Frequency
at V
DD = 3V, 8
Ω R
L, and PWR = 250mW
20019830
20019831
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com