Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1004FL Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # GS1004FL
Description  STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

GS1004FL Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  GS1004FL Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. GS1004FL Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES GS1000FL THRU GS1010FL
VF
, INSTANTANEOUS FORWARD VOLTAGE (V)
0.4
0.6
100
40
20
10
4
2
1
0.4
0.2
0.1
FIG.4-TYPICAL JUNCTION CAPACITANCE
VR
, REVERSE VOLTAGE (V)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
10
0.1
0.01
1
0.001
100
5
2
1
50
20
10
FIG.1-FORWARD CURRENT DERATING CURVE
3.0
2.5
2.0
1.5
1.0
0.5
0
TL
, LEAD TEMPERATURE (℃)
100
0
150
50
0.1
1.0
100
10
1000
100
40
60
20
80
0
0.8
1.0
1.2
1.4
1.6
1.8
https://dec.co.kr
DAESAN ELECTRONIC CORP.
TJ=125℃
TJ=75℃
TJ=25℃
TJ=25℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com