Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1DF Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # S1DF
Description  STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

S1DF Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  S1DF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. S1DF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
FIG.3-TYPICAL FORWARD CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG.2-TYPICAL INSTANEOUS REVERSE
CHARACTERISTIC
INSTANEOUS REVERSE VOLTAGE (V)
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
RATINGS AND CHARACTERISTIC CURVES S1AF THRU S1MF
100
0
25
125
75
50
0
1.2
1.0
0.6
0.7
1.1
0.9
0.8
0.1
0.5
1.0
0
150
200
400
600
800
175
1.0
0.8
0.6
0.4
0.2
SINGLE PHASE HALF-WAVE 60Hz
RESISITIVE OR INDUCTIVE LOAD
TJ=25℃
TJ=50℃
TJ=75℃
TJ=100℃
TJ=125℃
TJ=150℃
0.01
0.1
10
1
100
0.2
0
12
10
8
6
4
2
0
5
10
15
20
25
30
35
40
https://dec.co.kr
DAESAN ELECTRONIC CORP.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com