Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA8P30-1T2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA8P30-1T2
Description  Small transient voltage suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA8P30-1T2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA8P30-1T2 Datasheet HTML 1Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 2Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 3Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 4Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 5Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 6Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 7Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 8Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.1
Characteristics (curves)
Figure 2. Peak pulse power dissipation versus initial
junction temperature (typical value)
200
300
400
25
50
75
100
125
150
175
PPP (W)
Tj( °C)
8/20µs
typical value
Figure 3. Peak pulse power versus exponential pulse
duration (maximum values)
10
100
1000
10
100
1000
PPP (W)
tp(µs)
Tj initial = 25 °C
typical value
Figure 4. Peak power dissipation versus initial
temperature (typical value)
0.1
1
10
100
7
8
9
10
11
12
8/20µs
Tj initial = 25 °C
Ipp (A)
VCL (V)
Figure 5. Leakage current versus junction temperature
(typical value)
Ir (nA)
Tj(°C)
0
200
400
600
800
1000
1200
1400
1600
0
50
100
150
200
Ir = f(Tj) at Vrm = 6.3 V(typical value)
Figure 6. ESD response to IEC 61000-4-2 (+8kV contact
discharge)
Peak clamping voltage
Clamping voltage at 30 ns
Clamping voltage at 60 ns
Clamping voltage at 100 ns
1
2
3
4
20 ns/div
5 V/div
1
28.6 V
2
8.7 V
3
8.2V
4
8.0 V
Figure 7. ESD response to IEC 61000-4-2 (-8kV contact
discharge)
20 ns/div
5 V/div
1
2
3
4
Peak clamping voltage
Clamping voltage at 30 ns
Clamping voltage at 60 ns
Clamping voltage at 100 ns
1
2
3
4
- 24 V
-1.5 V
-1.5 V
-1.0 V
ESDA8P30-1T2
Characteristics (curves)
DS12517 - Rev 3
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com